Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35015 Datasheet(PDF) 3 Page - Cree, Inc

Part # CGH35015
Description  15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35015 Datasheet(HTML) 3 Page - Cree, Inc

  CGH35015 Datasheet HTML 1Page - Cree, Inc CGH35015 Datasheet HTML 2Page - Cree, Inc CGH35015 Datasheet HTML 3Page - Cree, Inc CGH35015 Datasheet HTML 4Page - Cree, Inc CGH35015 Datasheet HTML 5Page - Cree, Inc CGH35015 Datasheet HTML 6Page - Cree, Inc CGH35015 Datasheet HTML 7Page - Cree, Inc CGH35015 Datasheet HTML 8Page - Cree, Inc CGH35015 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CGH35015 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2005-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical WiMAX Performance
Figure 1.- Small Signal S-Parameters vs Frequency measured in the CGH35015F-AMP
V
DD = 28 V, IDQ = 100 mA
Figure 2.- Typical EVM and Efficiency versus Frequency measured in the CGH35015F-AMP
V
DD = 28 V, IDQ = 100 mA, 802.16-2004 OFDM, PAR=9.8 dB
Note:
Under 802.16 OFDM, 3.5 MHz Channel BW, 1/4 Cyclic Prefix, 64 QAM Modulated Burst,
Symbol Length of 59, Coding Type RS-CC, Coding Rate Type 2/3.
20%
25%
30%
4.0
5.0
6.0
EVM and Efficiency vs. Freq.
Drain
Efficiency
0%
5%
10%
15%
0.0
1.0
2.0
3.0
3.3
3.4
3.4
3.5
3.5
3.6
3.6
3.7
3.7
3.8
3.8
Frequency (GHz)
EVM @ 24dBm
EVM @ 33dBm
Eff. @ 33dBm
EVM @
33 dBm
EVM @
24 dBm
-3
0
3
6
10
12
14
16
S21
-18
-15
-12
-9
-6
0
2
4
6
8
2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
4
4.1 4.2 4.3 4.4
Frequency (GHz)
S21
S11
S11


Similar Part No. - CGH35015

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
   15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
logo
Cree, Inc
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
More results

Similar Description - CGH35015

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
   15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55030F1 CREE-CGH55030F1 Datasheet
914Kb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH55015F1 CREE-CGH55015F1 Datasheet
1Mb / 13P
   15 W, 5500-5800 MHz, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com