Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH30240400DCNUNNTZCWN Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH30240400DCNUNNTZCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30240400DCNUNNTZCWN Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH30240400DCNUNNTZCWN Datasheet HTML 1Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 2Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 3Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 4Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 5Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 6Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 7Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 8Page - Jewel Hill Electronic JH30240400DCNUNNTZCWN Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
JH30240400D
VER: 1.1
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1.GENERAL INFORMATION.
Item
Display Panel
Remark
Display Mode
Normally White, Transmissive LCD
-
Viewing Direction
3 O’CLOCK
-
Input Signals
8/16 Bits
-
Outside Dimensions
45.04mm(W)*77.0mm(H)*2.6mm(T)
-
Active Area
38.88mm(W)*64.8mm(H)
-
Number of Pixels
240×RGB×400Pixels
-
Pixel Pitch
0.153mm(H)×0.153mm(W)
-
Pixel Arrangement
RGB Vertical stripes
-
Drive IC
ILI9326
-
2.EXTERNAL DIMENSIONS.


Similar Part No. - JH30240400DCNUNNTZCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH30240400A JHE-JH30240400A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFCWC JHE-JH30240400ACNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFCWN JHE-JH30240400ACNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFEWC JHE-JH30240400ACNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFEWN JHE-JH30240400ACNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH30240400DCNUNNTZCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com