Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH32240400ACNUMNTHCWN Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH32240400ACNUMNTHCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH32240400ACNUMNTHCWN Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH32240400ACNUMNTHCWN Datasheet HTML 1Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 2Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 3Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 4Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 5Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 6Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 7Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 8Page - Jewel Hill Electronic JH32240400ACNUMNTHCWN Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JH32240400A
VER: 0.1
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION.
The JH32240400A model is a Color TFT LCD .This main Module has a 3.2 inch diagonally
measured active display area with 240(RGB)×400 resolution. Each pixel is divided into Red,
Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The JH32240400A has been designed to apply the interface method that enables low
power, high speed, and high contrast.
The JH32240400A is intended to support applications where thin thickness, wide viewing
angle and low power are critical factors and graphic displays are important.
2. GENERAL FEATURES
Item
Display Panel
Remark
Display Mode
Normally White, Transmissive LCD
Viewing Direction
9 O’CLOCK
Input Signals
8/9/16/18 Bits
Outside Dimensions
47.66mm(W)*80.9mm(H)*2.6mm(T)
Effective Area
-
Active Area
41.76mm(W)×69.6mm(H)
Number of Pixels
240×RGB×400Pixels
Pixel Pitch
0.174mm(H)×0.174mm(W)
Pixel Arrangement
RGB Vertical stripes
Drive IC
HX8352B


Similar Part No. - JH32240400ACNUMNTHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH32240400B JHE-JH32240400B Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH32240400BCNUMNFFCWC JHE-JH32240400BCNUMNFFCWC Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH32240400BCNUMNFFCWN JHE-JH32240400BCNUMNFFCWN Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH32240400BCNUMNFFEWC JHE-JH32240400BCNUMNFFEWC Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
JH32240400BCNUMNFFEWN JHE-JH32240400BCNUMNFFEWN Datasheet
1Mb / 22P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH32240400ACNUMNTHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com