Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH30320240CCNUWNFHCWN Datasheet(PDF) 6 Page - Jewel Hill Electronic

Part # JH30320240CCNUWNFHCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30320240CCNUWNFHCWN Datasheet(HTML) 6 Page - Jewel Hill Electronic

Back Button JH30320240CCNUWNFHCWN Datasheet HTML 2Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 3Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 4Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 5Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 6Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 7Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 8Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 9Page - Jewel Hill Electronic JH30320240CCNUWNFHCWN Datasheet HTML 10Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
JH30240400C
VER: 00
- 5 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
3.ABSOLUTE MAXIMUM RATINGS.
The following are maximum values which, if exceeded may cause operation or damage to
the unit.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Remark
Power for Circuit Driving
VDD
-0.3
-
3.3
V
Power for Circuit Logic
VCI
-0.3
-
5.0
V
LED Forward Voltage
V
BBBBBBBBB
f
BBBBBBBBB
3.0
3.2
3.4
V
LED Forward Current
IF
-
60
-
mA
LED Luminance
B
BBBBBBBBB
P
BBBBBBBBB
3200
-
-
cd/m
PPPPPPPPP
2
PPPPPPPPPPPPPPPPPPPPPPP
Storage Humidity
H
BBBBBBBBB
ST
BBBBBBBBB
10
-
90
%RH
Storage Temperature
T
BBBBBBBBB
ST
BBBBBBBBB
-30
-
80
Operating Ambient Humidity
H
BBBBBBBBB
OP
BBBBBBBBB
10
-
90
%RH
Operating Ambient temperature
T
BBBBBBBBB
OP
BBBBBBBBB
-20
-
70
At
25±5℃
Note:
*1)
Liquid Crystal driving voltage.
Due to the characteristics of LC Material, this voltage vary with environmental
temperature.
*2) Temp.>60℃, Absolute humidity shall be less than 90%RH at 60℃
*3) Temp.≤60℃, 90%RH MAX.
4.ELECTRICAL CHARACTERISICS.
(Unless specified, the ambient temperature Ta=25℃)
Properties
Sym.
Min
Typ.
Max
Unit
Note
Power for Circuit Driving
VDD
1.65
2.8
3.3
V
Note
Power for Circuit Logic
VCI
2.7
2.8
3.3
V
Note
BLU Driving Logic
Vbat
-
-
-
V
Low Voltage
VIL
0
-
0.2VDD
V
Logic Input
Voltage
High Voltage
VIH
0.8VDD
-
VDD
V
Low Voltage
VOL
0
-
0.1VDD
V
Logic Output
Voltage
High Voltage
VOH
0.9VDD
-
VDD
V
White
P
BBBBBBBBB
w
BBBBBBBBB
T.B.D
T.B.D
T.B.D
mW
Black
P
BBBBBBBBB
b
BBBBBBBBB
T.B.D
T.B.D
T.B.D
mW
Power
Consumption
Vertical Stripe
P
BBBBBBBBB
v
BBBBBBBBB
T.B.D
T.B.D
T.B.D
mW


Similar Part No. - JH30320240CCNUWNFHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH30240400A JHE-JH30240400A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFCWC JHE-JH30240400ACNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFCWN JHE-JH30240400ACNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFEWC JHE-JH30240400ACNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFEWN JHE-JH30240400ACNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH30320240CCNUWNFHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com