Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CX160P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66CX160P
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX160P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66CX160P Datasheet HTML 1Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 2Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 3Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 4Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 5Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 6Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 7Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 8Page - Infineon Technologies AG SLE66CX160P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SLE 66CX160P
Preliminary Short Product Information
3 / 9
08.01
16-Bit Security Controller with MMU in 0.25µm CMOS Technologie
64 Kbytes ROM, 3004 bytes RAM, 16 Kbytes EEPROM
1100-Bit Advanced Crypto Engine
112-Bit / 192-Bit DDES-EC2 Accelerator
Features
16-bit microcomputer in 0.25 µm CMOS
technology
Instruction set opcode compatible with
standard SAB 8051 processor
Enhanced 16-bit arithmetic
Additional powerful instructions optimized
for chip card applications
Dedicated, non-standard architecture with
execution time 6 times faster (18 times by
PLLmax) than standard SAB 8051
processor at external same clock
62 Kbyte User ROM for application
programs
Additional 2 Kbytes reserved ROM for
Resource Management System (RMS+
light) with intelligent EEPROM write/erase
routines
16 Kbytes Slim-EEPROM
2 Kbytes XRAM, 256 (+ 700) bytes IRAM
Memory Management and Protection
Unit (MMU)
Dual Key Triple DES (DDES) and EC2
GF (2
n) Accelerator
Advanced Crypto Engine for up to 2048
bit RSA Computation
CRC Module
Interrupt Module
PLL
Two 16-bit Autoreload Timer
Power saving sleep mode
Ext. clock freq. 1 to 7.5 MHz for int.
Clock
≤ 10 MHz
UART for handling serial interface in
accordance with ISO/IEC 7816 part 3
supporting transmission protocols T=1
and T=0
I/O routines realized in software executable
Supply voltage range: 2.7 V to 5.5 V
ESD larger than 6 kV
Slim-EEPROM
Reading, erasing and writing byte by byte
Flexible page mode for 1 to 64 bytes
write/erase operation
32 bytes security area (OTP)
Fast personalization mode
Erase + Write time < 4.5 ms
Minimum of 500.000 write/erase cycles at
25°C
Data retention for a minimum of 10 years
EEPROM programming voltage generated on
chip
Memory Management and Protection Unit
Addressable memory up to 1 MByte
Separates OS (system) and application
(user)
System routines called by traps
OS can restrict access to peripherals in
application mode
Code execution from XRAM possible
Security Features
Operation state monitoring mechanism
Low and high voltage sensors
Frequency sensors and filters
Light Sensor
Glitch Sensor
Life Test Function for Sensors


Similar Part No. - SLE66CX160P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX160S INFINEON-SLE66CX160S Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-C INFINEON-SLE66CX160S-C Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-M6 INFINEON-SLE66CX160S-M6 Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-T85-C INFINEON-SLE66CX160S-T85-C Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
SLE66CX160S-T85-M6 INFINEON-SLE66CX160S-T85-M6 Datasheet
37Kb / 8P
   Security & Chip Card ICs
2001.10
More results

Similar Description - SLE66CX160P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com