Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH24240320ECNUWNFHCWN Datasheet(PDF) 3 Page - Jewel Hill Electronic

Part # JH24240320ECNUWNFHCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320ECNUWNFHCWN Datasheet(HTML) 3 Page - Jewel Hill Electronic

  JH24240320ECNUWNFHCWN Datasheet HTML 1Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 2Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 3Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 4Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 5Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 6Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 7Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 8Page - Jewel Hill Electronic JH24240320ECNUWNFHCWN Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
JH24240320E
VER: 1.0
- 2 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System
LCD DISPLAY MODE:
N: NEGATIVE;
O:OTHER;
JEWEL HILL ELECTRONIC CO.,LTD.
WITH TP:
N: WITHOUT TOUCH PANEL; Y:WITH TOHCH PANEL
VIEWING DIRECTION:
U: UPPER(12:00);D:DOWN(6:00);
L: LEFT(9:00); R:RIGHT(3:00);S;SUPER VIEW;F:FULL VIEW
C:CCFL;
E:EL;
L:LED;
F:FPC
O:OTHER;
H:HEATSEAL; Z:ZEBRA;
W: WIDE TEMPERATURE;
O:SUPER WIDE TEMPERATURE
N: NORMAL TEMPERATURE; M:MIDDLE TEMPERATURE;
TEMPERATURE RANGE:
T:TRANSMISSIVE; F:TRANSFLECTIVE: O: OTHER
CHARACTER MODULEs:
CONNECTOR:
LCM SIZE;18:1.8";20:2.0"; 22:2.2".......
GRAPHIC MODULEs:NUMBER OF COMMONS AND SEGMENTs
SERIAL NUMBER:C: CSTN
POLARIZER TYPE:
BACKLIGHT MODE:
VERSION NUMBER: V00~V99
JH 24240320
E T N U W N T F L W N -V00- SC
T: TFT
BACKLIGHT COLOR:
W:WHITE;
O:OTHER;
N:WITHOUT CONTROLLER;
C:WITH CONTROLLER;
IC CONTROLLER:
SERIAL NUMBERA--Z.
SPECIAL CODE: P: PIN;C:CONNECT;O: OTHER;........


Similar Part No. - JH24240320ECNUWNFHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH24240320A JHE-JH24240320A Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFCWC JHE-JH24240320ACNUMNFFCWC Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFCWN JHE-JH24240320ACNUMNFFCWN Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFEWC JHE-JH24240320ACNUMNFFEWC Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFEWN JHE-JH24240320ACNUMNFFEWN Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH24240320ECNUWNFHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com