Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMS430FR2311IPW16R Datasheet(PDF) 1 Page - Texas Instruments

Part # XMS430FR2311IPW16R
Description  Mixed-Signal Microcontrollers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XMS430FR2311IPW16R Datasheet(HTML) 1 Page - Texas Instruments

  XMS430FR2311IPW16R Datasheet HTML 1Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 2Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 3Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 4Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 5Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 6Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 7Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 8Page - Texas Instruments XMS430FR2311IPW16R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
MSP430FR2311, MSP430FR2310
SLASE58 – FEBRUARY 2016
MSP430FR231x Mixed-Signal Microcontrollers
1
Device Overview
1
1.1
Features
1
(1)
Operation voltage is restricted by SVS levels (see VSVSH- and
VSVSH+ in Table 5-1)
• Embedded Microcontroller
– 16-Bit RISC Architecture up to 16 MHz
– Wide Supply Voltage Range From 1.8 V to
3.6 V (1)
• Optimized Low-Power Modes (at 3 V)
– Active Mode: 126 µA/MHz
– Standby:
LPM3.5 With VLO: 1 µA
Real-Time Clock (RTC) Counter (LPM3.5
With 32768-Hz Crystal): 1 µA
– Shutdown (LPM4.5): 25 nA with SVS
• Low-Power Ferroelectric RAM (FRAM)
– Up to 3.75KB of Nonvolatile Memory
– Built-In Error Correction Code (ECC)
– Configurable Write Protection
– Unified Memory of Program, Constants, and
Storage
– 1015 Write Cycle Endurance
– Radiation Resistant and Nonmagnetic
• Intelligent Digital Peripherals
– IR Modulation Logic
– Two 16-Bit Timers With Three Capture/Compare
Registers Each (Timer_B3)
– One 16-Bit Counter-Only RTC Counter
– 16-Bit Cyclic Redundancy Checker (CRC)
• Enhanced Serial Communications
– Enhanced USCI A (eUSCI_A) Supports UART,
IrDA, and SPI
– Enhanced USCI B (eUSCI_B) Supports SPI and
I2C
• High-Performance Analog
– 8-Channel 10-Bit Analog-to-Digital Converter
(ADC)
Internal 1.5-V Reference
Sample-and-Hold 200 ksps
– Enhanced Comparator (eCOMP)
Integrated 6-Bit Digital-to-Analog Converter
(DAC) as Reference Voltage
Programmable Hysteresis
Configurable High-Power and Low-Power
Modes
– Smart Analog Combo (SAC-L1)
Supports General-Purpose OA
Rail-to-Rail Input and Output
Multiple Input Selections
Configurable High-Power and Low-Power
Modes
– Transimpedance Amplifier (TIA)
Current-to-Voltage Conversion
Half-Rail Input
Low-Leakage Negative Input Down to 50 pA
Rail-to-Rail Output
Multiple Input Selections
Configurable High-Power and Low-Power
Modes
• Clock System (CS)
– On-Chip 32-kHz RC Oscillator (REFO)
– On-Chip 16-MHz Digitally Controlled Oscillator
(DCO) With Frequency Locked Loop (FLL)
±1% Accuracy With On-Chip Reference at
Room Temperature
– On-Chip Very Low-Frequency 10-kHz Oscillator
(VLO)
– On-Chip High-Frequency Modulation Oscillator
(MODOSC)
– External 32-kHz Crystal Oscillator (LFXT)
– External High-Frequency Crystal Oscillator up to
16 MHz (HFXT)
– Programmable MCLK Prescalar of 1 to 128
– SMCLK Derived From MCLK With
Programmable Prescalar of 1, 2, 4, or 8
• General Input/Output and Pin Functionality
– 16 I/Os on 20-Pin Package
– 12 Interrupt Pins (8 Pins of P1 and 4 Pins of P2)
Can Wake MCU From LPMs
– All I/Os are Capacitive Touch I/Os
• Development Tools and Software
– Free Professional Development Environments
– Development Kit (TBD)
• Family Members (Also See Section 3)
– MSP430FR2311: 3.75KB of Program FRAM +
1KB of RAM
– MSP430FR2310: 2KB of Program FRAM + 1KB
of RAM
• Package Options
– 20-Pin: TSSOP (PW20)
– 16-Pin: TSSOP (PW16)
– 16-Pin: QFN (RGY16)
• For Complete Module Descriptions, See the
MSP430FR4xx and MSP430FR2xx Family User's


Similar Part No. - XMS430FR2311IPW16R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XMS430FR2355TDBTR TI1-XMS430FR2355TDBTR Datasheet
1Mb / 121P
[Old version datasheet]   Mixed-Signal Microcontrollers
XMS430FR2355TPTR TI1-XMS430FR2355TPTR Datasheet
1Mb / 121P
[Old version datasheet]   Mixed-Signal Microcontrollers
XMS430FR2355TRHAR TI1-XMS430FR2355TRHAR Datasheet
1Mb / 121P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - XMS430FR2311IPW16R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com