Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CL80P-M84 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLE66CL80P-M84
Description  Secure Mobile Solutions - Security
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL80P-M84 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE66CL80P-M84 Datasheet HTML 1Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 2Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 3Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 4Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 5Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 6Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 7Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 8Page - Infineon Technologies AG SLE66CL80P-M84 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
µµ
SLE 66CL80P
Short Product Information
4 / 10
2004-04-01
EEPROM (SuperSlim Technology)
Byte wise EEPROM programming and read
accesses
Versatile & Flexible page mode for 1 to 256
bytes write/erase operation
32 bytes security area including:
- 16 bytes chip unique identification number
- 16 bytes PROM area (OTP like)
Fast personalisation mode 1.5 ms
Typical Page Erase time < 2.5ms
Typical Page Writing time < 1.8 ms
Minimum of 100.000 Write/erase cycles1)
Data retention for a minimum of 10 years1)
EEPROM programming voltage generated
on chip
Memory Management and Protection
Unit
Addressable memory up to 1 Mbytes
Separates OS (system mode) and
Application (application mode)
System routines called by traps
Access Restrictions to peripherals in
application mode controlled by OS
Code execution from XRAM possible
Security Features
Operation state monitoring mechanism
The chip goes in a secure reset state on any
following sensors alarm:
Low and high voltage sensors
Internal voltage sensor
Frequency sensors and filters
Light sensor
Glitch sensor
Temperature sensor
Life Test Sensor
Internal power-on reset sensor
Active Shield with automatic and user
controlled attack detection
1) Values are temperature dependant
Secure chip and firmware design
Security scrambled & optimized chip
layout against physical chip manipulation
Memory encryption/decryption module
(MED) for XRAM, ROM and EEPROM
against reverse engineering and power
attacks
ROM code not visible due to implantation
Mask dependant ROM code encrypted
during production
Chip Unique encryption of the XRAM and
EEPROM
Flexible encryption of part or whole
EEPROM by additional user-defined key
16 byte Unique chip identification number
for anti-clone countermeasure & tracking
16 bytes security PROM hardware
protected (OTP like)
Secure start of the operating system
ensured by certified Self Test Software
(STS)
Certified EEPROM programming routines
(RMS_E)
True Random Number Generator with
Firmware test function
High Speed SPA/DPA resistant Triple
DES (DDES) Accelerator
Anti Snooping
HW-countermeasures against SPA/DPA-,
Timing- and DFA-attacks (differential fault
analysis)
Supported Standards
ISO/IEC 7816
EMV 2000
GSM 11.1x
ETSI TS 102 221
ISO/IEC 14443
ISO/IEC 3309
CCIT v.41
HDLC X25


Similar Part No. - SLE66CL80P-M84

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P-MCC8 INFINEON-SLE66CL81P-MCC8 Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
More results

Similar Description - SLE66CL80P-M84

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
   Secure Mobile Solutions
2003-08-07
logo
Intersil Corporation
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
   High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
STMicroelectronics
STM32HSM-V2 STMICROELECTRONICS-STM32HSM-V2 Datasheet
162Kb / 3P
   Hardware security module for secure firmware installation
Rev 1 - July 2020
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com