Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMS430F5438IPZ Datasheet(PDF) 1 Page - Texas Instruments

Part # XMS430F5438IPZ
Description  Mixed-Signal Microcontrollers
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XMS430F5438IPZ Datasheet(HTML) 1 Page - Texas Instruments

  XMS430F5438IPZ Datasheet HTML 1Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 2Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 3Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 4Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 5Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 6Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 7Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 8Page - Texas Instruments XMS430F5438IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
MSP430F5438A, MSP430F5437A, MSP430F5436A, MSP430F5435A
MSP430F5419A, MSP430F5418A
SLAS655E – JANUARY 2010 – REVISED JULY 2015
MSP430F543xA, MSP430F541xA Mixed-Signal Microcontrollers
1
Device Overview
1.1
Features
1
– Low-Frequency Trimmed Internal Reference
• Low Supply Voltage Range:
Source (REFO)
3.6 V Down to 1.8 V
– 32-kHz Crystals
• Ultra-Low Power Consumption
– High-Frequency Crystals up to 32 MHz
– Active Mode (AM):
All System Clocks Active
• 16-Bit Timer TA0, Timer_A With Five
230 µA/MHz at 8 MHz, 3.0 V, Flash Program
Capture/Compare Registers
Execution (Typical)
• 16-Bit Timer TA1, Timer_A With Three
110 µA/MHz at 8 MHz, 3.0 V, RAM Program
Capture/Compare Registers
Execution (Typical)
• 16-Bit Timer TB0, Timer_B With Seven
– Standby Mode (LPM3):
Capture/Compare Shadow Registers
Real-Time Clock (RTC) With Crystal, Watchdog,
• Up to Four Universal Serial Communication
and Supply Supervisor Operational, Full RAM
Interfaces
Retention, Fast Wakeup:
– USCI_A0, USCI_A1, USCI_A2, and USCI_A3
1.7 µA at 2.2 V, 2.1 µA at 3.0 V (Typical)
Each Support:
Low-Power Oscillator (VLO), General-Purpose
Enhanced UART Supports Automatic Baud-
Counter, Watchdog, and Supply Supervisor
Rate Detection
Operational, Full RAM Retention, Fast Wakeup:
IrDA Encoder and Decoder
1.2 µA at 3.0 V (Typical)
Synchronous SPI
– Off Mode (LPM4):
– USCI_B0, USCI_B1, USCI_B2, and USCI_B3
Full RAM Retention, Supply Supervisor
Each Support:
Operational, Fast Wakeup:
1.2 µA at 3.0 V (Typical)
I2C
– Shutdown Mode (LPM4.5):
Synchronous SPI
0.1 µA at 3.0 V (Typical)
• 12-Bit Analog-to-Digital Converter (ADC)
• Wake up From Standby Mode in 3.5 µs (Typical)
– Internal Reference
• 16-Bit RISC Architecture
– Sample-and-Hold
– Extended Memory
– Autoscan Feature
– Up to 25-MHz System Clock
– 14 External Channels, 2 Internal Channels
• Flexible Power-Management System
• Hardware Multiplier Supports 32-Bit Operations
– Fully Integrated LDO With Programmable
• Serial Onboard Programming, No External
Regulated Core Supply Voltage
Programming Voltage Needed
– Supply Voltage Supervision, Monitoring, and
• Three-Channel Internal DMA
Brownout
• Basic Timer With RTC Feature
• Unified Clock System
• Section 3 Summarizes the Available Family
– FLL Control Loop for Frequency Stabilization
Members
– Low-Power Low-Frequency Internal Clock
• For Complete Module Descriptions, See the
Source (VLO)
MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208)
1.2
Applications
Analog and Digital Sensor Systems
Thermostats
Digital Motor Controls
Digital Timers
Remote Controls
Hand-Held Meters
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - XMS430F5438IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XMS430F5438IPZ TI-XMS430F5438IPZ Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - XMS430F5438IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com