Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM48L950DPGET Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L950DPGET
Description  16- and 32-Bit RISC Flash Microcontroller
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L950DPGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button RM48L950DPGET Datasheet HTML 7Page - Texas Instruments RM48L950DPGET Datasheet HTML 8Page - Texas Instruments RM48L950DPGET Datasheet HTML 9Page - Texas Instruments RM48L950DPGET Datasheet HTML 10Page - Texas Instruments RM48L950DPGET Datasheet HTML 11Page - Texas Instruments RM48L950DPGET Datasheet HTML 12Page - Texas Instruments RM48L950DPGET Datasheet HTML 13Page - Texas Instruments RM48L950DPGET Datasheet HTML 14Page - Texas Instruments RM48L950DPGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 179 page
background image
RM48L950, RM48L750, RM48L550
www.ti.com
SPNS174C – APRIL 2012 – REVISED JUNE 2015
4.3
Terminal Functions
Section 4.3.1 and Section 4.3.2 identify the external signal names, the associated pin or ball numbers
along with the mechanical package designator, the pin or ball type (Input, Output, I/O, Power, or Ground),
whether the pin or ball has any internal pullup or pulldown, whether the pin or ball can be configured as a
GPIO, and a functional pin or ball description. The first signal name listed is the primary function for that
terminal. The signal name in bold is the function being described. For information on how to select
between different multiplexed functions, see the RM48x 16/32-Bit RISC Flash Microcontroller Technical
Reference Manual (SPNU503) .
NOTE
In the Terminal Functions table below, the "Reset Pull State" is the state of the pull applied to
the terminal while nPORRST is low and immediately after nPORRST goes High. The default
pull direction may change when software configures the pin for an alternate function. The
"Pull Type" is the type of pull asserted when the signal name in bold is enabled for the given
terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and
immediately after nPORRST goes High. While nPORRST is low, the input buffers
are disabled, and the output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled
while nPORRST is low, and are configured as outputs with the pulls disabled
immediately after nPORRST goes High.
4.3.1
PGE Package
4.3.1.1
Multibuffered Analog-to-Digital Converters (MibADCs)
Table 4-1. PGE Multibuffered Analog-to-Digital Converters (MibADC1, MibADC2)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
144
TYPE
SIGNAL NAME
STATE
PGE
ADREFHI(1)
66
Input
ADC high reference supply
ADREFLO(1)
67
Input
ADC low reference supply
N/A
None
VCCAD(1)
69
Power
Operating supply for ADC
VSSAD(1)
68
Ground
AD1EVT/MII_RX_ER/RMII_RX_ER
86
I/O
Pulldown
Programmable, 20 µA ADC1 event trigger input, or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/N2HET2_PIN_nDIS
55
I/O
Pullup
Programmable, 20 µA ADC2 event trigger input, or GPIO
AD1IN[0]
60
AD1IN[1]
71
AD1IN[2]
73
AD1IN[3]
74
Input
N/A
None
ADC1 analog input
AD1IN[4]
76
AD1IN[5]
78
AD1IN[6]
80
AD1IN[7]
61
(1)
The ADREFHI, ADREFLO, VCCAD, and VSSAD connections are common for both ADC cores.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
11
Submit Documentation Feedback


Similar Part No. - RM48L950DPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L950 TI-RM48L950 Datasheet
2Mb / 157P
[Old version datasheet]   RM48Lx50 16/32-Bit RISC Flash Microcontroller
RM48L950PGET TI-RM48L950PGET Datasheet
2Mb / 157P
[Old version datasheet]   RM48Lx50 16/32-Bit RISC Flash Microcontroller
RM48L950ZWTT TI-RM48L950ZWTT Datasheet
2Mb / 157P
[Old version datasheet]   RM48Lx50 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L950DPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com