Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM46L852 Datasheet(PDF) 10 Page - Texas Instruments

Part # RM46L852
Description  16- and 32-Bit RISC Flash Microcontroller
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM46L852 Datasheet(HTML) 10 Page - Texas Instruments

Back Button RM46L852_15 Datasheet HTML 6Page - Texas Instruments RM46L852_15 Datasheet HTML 7Page - Texas Instruments RM46L852_15 Datasheet HTML 8Page - Texas Instruments RM46L852_15 Datasheet HTML 9Page - Texas Instruments RM46L852_15 Datasheet HTML 10Page - Texas Instruments RM46L852_15 Datasheet HTML 11Page - Texas Instruments RM46L852_15 Datasheet HTML 12Page - Texas Instruments RM46L852_15 Datasheet HTML 13Page - Texas Instruments RM46L852_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 188 page
background image
RM46L852
SPNS185C – SEPTEMBER 2012 – REVISED JUNE 2015
www.ti.com
4.3
Terminal Functions
Section 4.3.1 and Section 4.3.2 identify the external signal names, the associated pin/ball numbers along
with the mechanical package designator, the pin/ball type (Input, Output, IO, Power or Ground), whether
the pin/ball has any internal pullup/pulldown, whether the pin/ball can be configured as a GPIO, and a
functional pin/ball description. The first signal name listed is the primary function for that terminal. The
signal name in Bold is the function being described. Refer to the I/O Multiplexing Module (IOMM) chapter
of the RM46x Technical Reference Manual (SPNU514).
NOTE
In the Terminal Functions table below, the "Reset Pull State" is the state of the pull applied to
the terminal while nPORRST is low and immediately after nPORRST goes High. The default
pull direction may change when software configures the pin for an alternate function. The
"Pull Type" is the type of pull asserted when the signal name in bold is enabled for the given
terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and
immediately after nPORRST goes High. While nPORRST is low, the input buffers
are disabled, and the output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled
while nPORRST is low, and are configured as outputs with the pulls disabled
immediately after nPORRST goes High.
4.3.1
PGE Package
4.3.1.1
Multibuffered Analog-to-Digital Converters (MibADC)
Table 4-1. PGE Multibuffered Analog-to-Digital Converters (MibADC1, MibADC2)
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
144
PGE
ADREFHI(1)
66
Power
N/A
None
ADC high reference
supply
ADREFLO(1)
67
Power
ADC low reference supply
VCCAD(1)
69
Power
Operating supply for ADC
VSSAD(1)
68
Ground
AD1EVT/MII_RX_ER/RMII_RX_ER
86
I/O
Pulldown
Programmable,
ADC1 event trigger input,
20 µA
or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/
55
I/O
Pullup
Programmable,
ADC2 event trigger input,
EQEP1I/N2HET2_PIN_nDIS
20 µA
or GPIO
AD1IN[0]
60
Input
N/A
None
ADC1 analog input
AD1IN[1]
71
AD1IN[2]
73
AD1IN[3]
74
AD1IN[4]
76
AD1IN[5]
78
AD1IN[6]
80
AD1IN[7]
61
(1)
The ADREFHI, ADREFLO, VCCAD and VSSAD connections are common for both ADC cores.
10
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RM46L852


Similar Part No. - RM46L852_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM46L852_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com