Electronic Components Datasheet Search |
|
JH24240320ACNUMNFFEWC Datasheet(PDF) 6 Page - Jewel Hill Electronic |
|
JH24240320ACNUMNFFEWC Datasheet(HTML) 6 Page - Jewel Hill Electronic |
6 / 25 page JH24240320A VER: 0.1 - 5 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. 3.ABSOLUTE MAXIMUM RATINGS. The following are maximum values which, if exceeded may cause operation or damage to the unit. ITEM Symbol Min. Typ. Max. Unit Remark Power for Circuit Driving VDD -0.3 - 3.3 V Power for Circuit Logic VCI -0.3 - 5.0 V LC Operating Voltage *1) Vop - V LED Forward Voltage V BBBBBBBBB f BBBBBBBBB 3.0 3.2 3.4 V LED Forward Current If - 60 - mA LED Luminance B BBBBBBBBB P BBBBBBBBB 2800 - - cd/m PPPPPPPPP 2 PPPPPPPPPPPPPPPPPPPPPPP Storage Humidity H BBBBBBBBB ST BBBBBBBBB 10 - 90 %RH Storage Temperature T BBBBBBBBB ST BBBBBBBBB -20 - 70 ℃ Operating Ambient Humidity H BBBBBBBBB OP BBBBBBBBB 10 - 90 %RH Operating Ambient temperature T BBBBBBBBB OP BBBBBBBBB -10 - 60 ℃ At 25±5℃ Note: *1) Liquid Crystal driving voltage. Due to the characteristics of LC Material, this voltage vary with environmental temperature. *2) Temp.>60℃, Absolute humidity shall be less than 90%RH at 60℃ *3) Temp.≤60℃, 90%RH MAX. |
Similar Part No. - JH24240320ACNUMNFFEWC |
|
Similar Description - JH24240320ACNUMNFFEWC |