Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37733MHB Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37733MHB
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733MHB Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37733MHB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37733MHB Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
9
MITSUBISHI MICROCOMPUTERS
M37733MHBXXXFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
7. Overflow flag (V)
The overflow flag is effective only when addition or subtraction is
performed with treating a word as a signed binary number. When the
data length flag (m) is “0”, the overflow flag is set if the result of
addition or subtraction is outside the range between – 32768 and
+32767. When the data length flag (m) is “1”, the overflow flag is set
if the result of addition or subtraction is outside the range between
–128 and +127. It is reset in the other cases. The overflow flag can
also be set or reset directly with the SEP or CLV, CLP instructions.
8. Negative flag (N)
The negative flag is set when the result of arithmetic operation or
data transfer is negative (If data length flag (m) is “0”, data bit 15 is
“1”. If data length flag (m) is “1”, data bit 7 is “1”.) It is reset in the
other cases. It can also be set or reset with the SEP or CLP
instructions.
9. Processor interrupt priority level (IPL)
The processor interrupt priority level (IPL) consists of 3 bits and
determines the processor interrupt priority level (0 to 7). Interrupt is
enabled when the interrupt priority level of the device requesting
interrupt (the priority can be set using the interrupt control register) is
higher than the processor interrupt priority level. When interrupt is
enabled, the current processor interrupt priority level is saved in a
stack and the processor interrupt priority level is replaced by the
interrupt priority level of the device requesting the interrupt. Refer to
the section on interrupts for more details.
BUS INTERFACE UNIT
The CPU operates on an internal clock
’s frequency. Internal clock
’s frequency is twice the bus cycle frequency. In order to speed up
processing, a bus interface unit is used to pre-fetch instructions when
the data bus is idle. The bus interface unit synchronizes the CPU
and the bus and pre-fetches instructions. Figure 4 shows the
relationship between the CPU and the bus interface unit. The bus
interface unit has a program address register, a 3-byte instruction
queue buffer, a data address register, and a 2-byte data buffer.
The bus interface unit obtains an instruction code from the memory
and stores it in the instruction queue buffer, obtains data from the
memory and stores it in the data buffer, or writes the data from the
data buffer to the memory.
Fig. 4 Relationship between the CPU and the bus interface unit
CPU
Bus interface
unit
E
ALE
BYTE
HOLD
BHE
R/W
D15 – D8
A23 – A0
D7 – D0
D'15 – D'8
Control signal
D'7 – D'0
A'23 – A'0


Similar Part No. - M37733MHB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733MHB-217FP MITSUBISHI-M37733MHB-217FP Datasheet
600Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB-217FP MITSUBISHI-M37733MHB-217FP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB-217FP MITSUBISHI-M37733MHB-217FP Datasheet
1Mb / 89P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733MHB-226FP MITSUBISHI-M37733MHB-226FP Datasheet
600Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733MHB-226FP MITSUBISHI-M37733MHB-226FP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
More results

Similar Description - M37733MHB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com