Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M36P53C2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # F28M36P53C2
Description  Concerto Microcontrollers
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M36P53C2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button F28M36P53C2 Datasheet HTML 5Page - Texas Instruments F28M36P53C2 Datasheet HTML 6Page - Texas Instruments F28M36P53C2 Datasheet HTML 7Page - Texas Instruments F28M36P53C2 Datasheet HTML 8Page - Texas Instruments F28M36P53C2 Datasheet HTML 9Page - Texas Instruments F28M36P53C2 Datasheet HTML 10Page - Texas Instruments F28M36P53C2 Datasheet HTML 11Page - Texas Instruments F28M36P53C2 Datasheet HTML 12Page - Texas Instruments F28M36P53C2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 253 page
background image
F28M36P63C2, F28M36P53C2, F28M36H53C2, F28M36H53B2
F28M36H33C2, F28M36H33B2
www.ti.com
SPRS825D – OCTOBER 2012 – REVISED OCTOBER 2015
Table 3-1. Device Comparison (continued)
FEATURE
TYPE(1)
P63C2
P53C2
H53C2
H53B2
H33C2
H33B2
eQEP modules
0
3 (32-bit)
Fault Trip Zones
12 on any of 64 GPIO pins
McBSP/SPI
1
1
1
1
1
1
1
SCI
0
1
1
1
1
1
1
SPI
0
1
1
1
1
1
1
I2C
0
1
1
1
1
1
1
DMA
0
6-ch
6-ch
6-ch
6-ch
6-ch
6-ch
EPI(4)
0
1
1
1
1
1
1
32-Bit Timers
3
3
3
3
3
3
Shared
Supplemental RAM Parity (KB)
64
64
64
64
0
0
MSPS(5)
2.88
2.88
2.88
2.88
2.88
2.88
Conversion Time(5)
347 ns
347 ns
347 ns
347 ns
347 ns
347 ns
12-Bit ADC 1
3
Channels
12
12
12
12
12
12
Sample-and-Hold
2
2
2
2
2
2
MSPS(5)
2.88
2.88
2.88
2.88
2.88
2.88
Conversion Time(5)
347 ns
347 ns
347 ns
347 ns
347 ns
347 ns
12-Bit ADC 2
3
Channels
12
12
12
12
12
12
Sample-and-Hold
2
2
2
2
2
2
Comparators with Integrated DACs
0
6
6
6
6
6
6
Voltage Regulator
Yes – Uses 3.3-V Single Supply (3.3-V/1.2-V recommended for 125ºC)
Clocking
See Section 6.10
Additional Safety
Master Subsystem
2 Watchdogs, NMI Watchdog: CPU, Memory
Control Subsystem
NMI Watchdog: CPU, Memory
Shared
Critical Register and I/O Function Lock Protection; RAM Fetch Protection
Copyright © 2012–2015, Texas Instruments Incorporated
Device Comparison
9
Submit Documentation Feedback
Product Folder Links: F28M36P63C2 F28M36P53C2 F28M36H53C2 F28M36H53B2 F28M36H33C2 F28M36H33B2


Similar Part No. - F28M36P53C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P53C2 TI-F28M36P53C2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2ZWTQ TI-F28M36P53C2ZWTQ Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2ZWTS TI-F28M36P53C2ZWTS Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P53C2ZWTT TI-F28M36P53C2ZWTT Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36P53C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com