Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF28M36P63C2ZWTT Datasheet(PDF) 6 Page - Texas Instruments

Part # XF28M36P63C2ZWTT
Description  Concerto Microcontrollers
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XF28M36P63C2ZWTT Datasheet(HTML) 6 Page - Texas Instruments

Back Button XF28M36P63C2ZWTT Datasheet HTML 2Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 3Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 4Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 5Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 6Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 7Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 8Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 9Page - Texas Instruments XF28M36P63C2ZWTT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 253 page
background image
F28M36P63C2, F28M36P53C2, F28M36H53C2, F28M36H53B2
F28M36H33C2, F28M36H33B2
SPRS825D – OCTOBER 2012 – REVISED OCTOBER 2015
www.ti.com
Section 5.9.4 (Flash Timing – Master Subsystem): Removed "Master Subsystem – Flash/OTP Endurance for T
Temperature Material" table (Table 6-16 in SPRS825C).
..................................................................... 58
Section 5.9.4: Removed "Master Subsystem – Flash/OTP Endurance for S Temperature Material" table (Table
6-17 in SPRS825C).
............................................................................................................... 58
Section 5.9.4: Removed "Master Subsystem – Flash Parameters at 125 MHz" table (Table 6-20 in SPRS825C).
.. 58
Table 5-16 (Master Subsystem – Flash/OTP Endurance): Changed title from "Master Subsystem – Flash/OTP
Endurance for Q Temperature Material" to "Master Subsystem – Flash/OTP Endurance".
.............................. 58
Table 5-16: Removed "ERASE/PROGRAM TEMPERATURE" column.
.................................................... 58
Table 5-16: Removed footnote.
................................................................................................... 58
Table 5-17 (Master Subsystem – Flash Parameters): Changed title from "Master Subsystem – Flash Parameters
at 75 MHz" to "Master Subsystem – Flash Parameters".
..................................................................... 58
Table 5-17: Updated table.
........................................................................................................ 58
Table 5-17: Updated "Program time includes overhead ..." footnote
......................................................... 58
Table 5-17: Added footnote about current and Flash API
..................................................................... 58
Section 5.9.5 (Flash Timing – Control Subsystem): Removed "Control Subsystem – Flash/OTP Endurance for T
Temperature Material" table (Table 6-24 in SPRS825C).
..................................................................... 60
Section 5.9.5: Removed "Control Subsystem – Flash/OTP Endurance for S Temperature Material" table (Table
6-25 in SPRS825C).
............................................................................................................... 60
Section 5.9.5: Removed "Control Subsystem – Flash Parameters at 150 MHz" table (Table 6-28 in SPRS825C).
.. 60
Table 5-21 (Control Subsystem – Flash/OTP Endurance): Changed title from "Control Subsystem – Flash/OTP
Endurance for Q Temperature Material" to "Control Subsystem – Flash/OTP Endurance".
............................. 60
Table 5-21: Removed "ERASE/PROGRAM TEMPERATURE" column.
.................................................... 60
Table 5-21: Removed footnote.
................................................................................................... 60
Table 5-22 (Control Subsystem – Flash Parameters): Changed title from "Control Subsystem – Flash
Parameters at 100 MHz" to "Control Subsystem – Flash Parameters".
.................................................... 60
Table 5-22: Updated table.
........................................................................................................ 60
Table 5-22: Updated "Program time includes overhead ..." footnote.
....................................................... 60
Table 5-22: Added footnote about current and Flash API,
.................................................................... 60
Section 5.11.4 (Cortex-M3 Controller Area Network): Added NOTE about CAN and D_CAN.
........................ 118
Section 5.12.7.1.2 (McBSP as SPI Master or Slave Timing): Replaced "For all SPI slave modes ..." paragraphs
with "For all SPI slave modes ..." table footnotes.
............................................................................ 158
Table 5-81 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0)): Added "For all
SPI slave modes ..." footnote.
................................................................................................... 158
Table 5-83 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0)): Added "For all
SPI slave modes ..." footnote.
................................................................................................... 159
Table 5-85 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 1)): Added "For all
SPI slave modes ..." footnote.
................................................................................................... 160
Table 5-87 (McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 1)): Added "For all
SPI slave modes ..." footnote.
................................................................................................... 161
Table 6-2 (Control Subsystem Peripheral Frame 0): Changed title from "Control Subsystem Peripheral Frame 0
(Includes Analog)" to "Control Subsystem Peripheral Frame 0".
........................................................... 163
Table 6-2: 0000 1780 – 0000 17FF: Changed register name from "C Hardware Logic BIST Registers" to
"Hardware BIST Registers".
...................................................................................................... 163
Table 6-10 (Master Subsystem Peripherals): 400F B000 – 400F B1FF: Changed "PBIST Control Registers" to
"Reserved".
........................................................................................................................ 171
Table 6-10: 400F BB00 – 400F BBFF: Changed "M HWBIST Registers" to "Reserved".
.............................. 171
Section 6.2 (Identification): Added section.
.................................................................................... 173
Table 6-14 (Interrupts from NVIC to Cortex-M3): Interrupt Number 91: Changed "PBIST Done" to "Reserved".
... 176
Section 6.4.2 (C28x Core Hardware Built-In Self-Test): Updated section.
................................................ 182
Section 6.9.3 (Analog and Digital Subsystems' Power-On-Reset Functionality): Added statement clarifying that
POR is always enabled.
.......................................................................................................... 197
Figure 6-7 (Connecting Input Clocks to a Concerto Device): Updated figure
............................................. 198
Section 6.10.3 (External Oscillators (Pins X1, VSSOSC, XCLKIN)): Updated section ...................................... 199
Section 6.10.4 (Main PLL): Changed the maximum Main PLL output clock from 550 MHz to 300 MHz.
............. 199
Figure 6-8 (Main PLL): Changed the maximum Main PLL output clock from 550 MHz to 300 MHz.
.................. 200
Section 6.12.3 (C28x STANDBY Mode): Changed MTOCIPCINT1 to MTOCIPCINT2
.................................. 215
Table 6-31 (AIO_MUX1 Pin Assignments (C28x AIO Modes)): Changed ADC2INB2 to ADC1INB2 in Device Pin
Name column and C28x AIO Mode 1 column
................................................................................. 236
Table 6-31: Changed ADC2INB6 to ADC1INB6 in Device Pin Name column and C28x AIO Mode 1 column
....... 236
Section 7 (Applications, Implementation, and Layout): Added section.
.................................................... 244
6
Revision History
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: F28M36P63C2 F28M36P53C2 F28M36H53C2 F28M36H53B2 F28M36H33C2 F28M36H33B2


Similar Part No. - XF28M36P63C2ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XF28M35H52C1RFPT TI1-XF28M35H52C1RFPT Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
XF28M35H52C1RFPT TI1-XF28M35H52C1RFPT Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
XF28M35H52C1RFPT TI1-XF28M35H52C1RFPT Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - XF28M36P63C2ZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com