Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35M20B1RFPT Datasheet(PDF) 2 Page - Texas Instruments

Part # F28M35M20B1RFPT
Description  Microcontrollers
Download  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35M20B1RFPT Datasheet(HTML) 2 Page - Texas Instruments

  F28M35M20B1RFPT Datasheet HTML 1Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 2Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 3Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 4Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 5Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 6Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 7Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 8Page - Texas Instruments F28M35M20B1RFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 235 page
background image
F28M35H52C, F28M35H22C, F28M35M52C, F28M35M22C, F28M35M20B, F28M35E20B
SPRS742I – JUNE 2011 – REVISED JUNE 2015
www.ti.com
1.2
Applications
Servo Drives
Electric Vehicle/Hybrid Electric Vehicle (EV/HEV)
Chargers
High-End AC Inverters
Power Line Communications
Industrial UPS
Solar Inverters
1.3
Description
The Concerto family is a multicore system-on-chip microcontroller unit (MCU) with independent
communication and real-time control subsystems. The F28M35x family of devices is the first series in the
Concerto family.
The communications subsystem is based on the industry-standard 32-bit ARM Cortex-M3 CPU and
features a wide variety of communication peripherals, including Ethernet 1588, USB OTG with PHY,
Controller Area Network (CAN), UART, SSI, I2C, and an external interface.
The real-time control subsystem is based on TI’s industry-leading proprietary 32-bit C28x floating-point
CPU and features the most flexible and high-precision control peripherals, including ePWMs with fault
protection, and encoders and captures—all as implemented by TI’s TMS320C2000™ Piccolo™ and
Delfino™ families. In addition, the C28-CPU has been enhanced with the addition of the VCU instruction
accelerator that implements efficient Viterbi, Complex Arithmetic, 16-bit FFTs, and CRC algorithms.
A high-speed analog subsystem and supplementary RAM memory is shared, along with on-chip voltage
regulation and redundant clocking circuitry. Safety considerations also include Error Correction Code
(ECC), parity, and code secure memory, as well as documentation to assist with system-level industrial
safety certification.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
F28M35H52CRFP
HTQFP (144)
20.0 mm × 20.0 mm
F28M35H22CRFP
HTQFP (144)
20.0 mm × 20.0 mm
F28M35M52CRFP
HTQFP (144)
20.0 mm × 20.0 mm
F28M35M20BRFP
HTQFP (144)
20.0 mm × 20.0 mm
F28M35E20BRFP
HTQFP (144)
20.0 mm × 20.0 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
2
Device Overview
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: F28M35H52C F28M35H22C F28M35M52C F28M35M22C F28M35M20B F28M35E20B


Similar Part No. - F28M35M20B1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35M20B TI1-F28M35M20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
More results

Similar Description - F28M35M20B1RFPT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com