Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH23320240ACNUNNFFLWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH23320240ACNUNNFFLWC
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH23320240ACNUNNFFLWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH23320240ACNUNNFFLWC Datasheet HTML 6Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 7Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 8Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 9Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 10Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 11Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 12Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 13Page - Jewel Hill Electronic JH23320240ACNUNNFFLWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH23320240A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
LEDA
LED+
2
LEDK1
LED-
3
LEDK2
LED-
4
LEDK3
LED-
5
LEDK4
LED-
6
GND
GROUND
7
RESET
RESET pin
8~23
DB15~DB0
Data Bus
24
NC
NC
25
RD
Read enable clock input pin
26
WR
Write enable clock input pin
27
RS
Command/display data select pin
28
CS
CHIP SELECT PIN
29
IOVCC
The
power supply 1.8/2.8V
30
VCC
The
power supply 2.8V
31
VCI
The
power supply 2.8V
32
GND
GROUND
33
YU
TOUCH PANEL Y_ UP
34
XL
TOUCH PANEL X_ LEFT
35
YD
TOUCH PANEL Y_ DOWN
36
XR
TOUCH PANEL X_ RIGHT


Similar Part No. - JH23320240ACNUNNFFLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH23320240B JHE-JH23320240B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH23320240BCNUMNFFCWC JHE-JH23320240BCNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH23320240BCNUMNFFCWN JHE-JH23320240BCNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH23320240BCNUMNFFEWC JHE-JH23320240BCNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH23320240BCNUMNFFEWN JHE-JH23320240BCNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH23320240ACNUNNFFLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com