Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2650F128RGZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2650F128RGZR
Description  Multistandard Wireless MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650F128RGZR Datasheet(HTML) 2 Page - Texas Instruments

  CC2650F128RGZR Datasheet HTML 1Page - Texas Instruments CC2650F128RGZR Datasheet HTML 2Page - Texas Instruments CC2650F128RGZR Datasheet HTML 3Page - Texas Instruments CC2650F128RGZR Datasheet HTML 4Page - Texas Instruments CC2650F128RGZR Datasheet HTML 5Page - Texas Instruments CC2650F128RGZR Datasheet HTML 6Page - Texas Instruments CC2650F128RGZR Datasheet HTML 7Page - Texas Instruments CC2650F128RGZR Datasheet HTML 8Page - Texas Instruments CC2650F128RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
CC2650
SWRS158A – FEBRUARY 2015 – REVISED OCTOBER 2015
www.ti.com
1.2
Applications
Consumer Electronics
Alarm and Security
Mobile Phone Accessories
Electronic Shelf Labeling
Sports and Fitness Equipment
Proximity Tags
HID Applications
Medical
Home and Building Automation
Remote Controls
Lighting Control
Wireless Sensor Networks
1.3
Description
The CC2650 device is a wireless MCU targeting Bluetooth Smart, ZigBee® and 6LoWPAN, and ZigBee
RF4CE remote control applications.
The device is a member of the CC26xx family of cost-effective, ultralow power, 2.4-GHz RF devices. Very
low active RF and MCU current and low-power mode current consumption provide excellent battery
lifetime and allow for operation on small coin cell batteries and in energy-harvesting applications.
The CC2650 device contains a 32-bit ARM Cortex-M3 processor that runs at 48 MHz as the main
processor and a rich peripheral feature set that includes a unique ultralow power sensor controller. This
sensor controller is ideal for interfacing external sensors and for collecting analog and digital data
autonomously while the rest of the system is in sleep mode. Thus, the CC2650 device is ideal for
applications within a whole range of products including industrial, consumer electronics, and medical.
The Bluetooth Low Energy controller and the IEEE 802.15.4 MAC are embedded into ROM and are partly
running on a separate ARM Cortex-M0 processor. This architecture improves overall system performance
and power consumption and frees up flash memory for the application.
The Bluetooth Smart and ZigBee stacks are available free of charge from www.ti.com.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC2650F128RGZ
VQFN (48)
7.00 mm × 7.00 mm
CC2650F128RHB
VQFN (32)
5.00 mm × 5.00 mm
CC2650F128RSM
VQFN (32)
4.00 mm × 4.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2650


Similar Part No. - CC2650F128RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2650F128RGZR TI1-CC2650F128RGZR Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
logo
List of Unclassifed Man...
CC2650F128RGZR ETC1-CC2650F128RGZR Datasheet
73Kb / 1P
   KIT DEV FOR SMART/ZIGBEE/6LOWPAN
More results

Similar Description - CC2650F128RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2650 TI1-CC2650 Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
CC2650 TI-CC2650_15 Datasheet
1Mb / 52P
[Old version datasheet]   CC2650 SimpleLink Multistandard Wireless MCU
logo
rfsolutions.ltd
DS-ZULU RFSOLUTIONS-DS-ZULU Datasheet
1,004Kb / 9P
   RF Wireless MCU
logo
ON Semiconductor
NCV-RSL15 ONSEMI-NCV-RSL15 Datasheet
622Kb / 36P
   Bluetooth 5.2 Wireless MCU
February, 2023 - Rev. P2
logo
Texas Instruments
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
logo
Holtek Semiconductor In...
HT66FV240 HOLTEK-HT66FV240 Datasheet
9Mb / 203P
   Wireless Voice Flash MCU
logo
ON Semiconductor
RSL15 ONSEMI-RSL15 Datasheet
272Kb / 36P
   Bluetooth 5.2 Wireless MCU
May, 2022 Rev. 1
logo
Texas Instruments
CC2650MODA TI1-CC2650MODA Datasheet
491Kb / 40P
[Old version datasheet]   Low energy Wireless MCU Module
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com