Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH22176220ACNUWNTZLWC Datasheet(PDF) 3 Page - Jewel Hill Electronic

Part # JH22176220ACNUWNTZLWC
Description  SPECIFICATIONS FOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH22176220ACNUWNTZLWC Datasheet(HTML) 3 Page - Jewel Hill Electronic

  JH22176220ACNUWNTZLWC Datasheet HTML 1Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 2Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 3Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 4Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 5Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 6Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 7Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 8Page - Jewel Hill Electronic JH22176220ACNUWNTZLWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
JH22176220A
VER: 1.0
- 2 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System
SPECIAL CODE: P: PIN;C:CONNECT;O: OTHER;........
SERIAL NUMBERA--Z.
IC CONTROLLER:
C:WITH CONTROLLER;
N:WITHOUT CONTROLLER;
O:OTHER;
W:WHITE;
BACKLIGHT COLOR:
T: TFT
JH 22 176220 A T N U W N T F L W
N -V00- SC
VERSION NUMBER: V00~V99
BACKLIGHT MODE:
POLARIZER TYPE:
SERIAL NUMBER:C: CSTN
GRAPHIC MODULEs:NUMBER OF COMMONS AND SEGMENTs
LCM SIZE;18:1.8";20:2.0"; 22:2.2".......
CONNECTOR:
CHARACTER MODULEs:
T:TRANSMISSIVE; F:TRANSFLECTIVE: O: OTHER
TEMPERATURE RANGE:
N: NORMAL TEMPERATURE; M:MIDDLE TEMPERATURE;
W: WIDE TEMPERATURE;
O:SUPER WIDE TEMPERATURE
H:HEATSEAL;
Z:ZEBRA;
F:FPC
O:OTHER;
L:LED;
E:EL;
C:CCFL;
L: LEFT(9:00); R:RIGHT(3:00);S;SUPER VIEW;F:FULL VIEW
U: UPPER(12:00);D:DOWN(6:00);
VIEWING DIRECTION:
N: WITHOUT TOUCH PANEL;
Y:WITH TOHCH PANEL
WITH TP:
JEWEL HILL ELECTRONIC CO.,LTD.
N: NEGATIVE;
O:OTHER;
LCD DISPLAY MODE:


Similar Part No. - JH22176220ACNUWNTZLWC

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH22176220B JHE-JH22176220B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFCWC JHE-JH22176220BCNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFCWN JHE-JH22176220BCNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFEWC JHE-JH22176220BCNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFEWN JHE-JH22176220BCNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH22176220ACNUWNTZLWC

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
XFMRS Inc.
XFEB100505-601 XFMRS-XFEB100505-601_15 Datasheet
150Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-121-5A XFMRS-XFEB201209-121-5A_15 Datasheet
62Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-220-6A XFMRS-XFEB201209-220-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-600-3A XFMRS-XFEB201209-600-3A_15 Datasheet
61Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB321611-601-0.5A XFMRS-XFEB321611-601-0.5A_15 Datasheet
32Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB321611-601-1.5A XFMRS-XFEB321611-601-1.5A_15 Datasheet
73Kb / 2P
   SPECIFICATIONS FOR APPROVAL
XFEB453215-115-2A XFMRS-XFEB453215-115-2A_15 Datasheet
140Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB453215-800-6A XFMRS-XFEB453215-800-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com