Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR5270-S20000 Datasheet(PDF) 6 Page - Cree, Inc

Part # C450TR5270-S20000
Description  Low Forward Voltage - 3.2 V Typical at 120 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR5270-S20000 Datasheet(HTML) 6 Page - Cree, Inc

  C450TR5270-S20000_16 Datasheet HTML 1Page - Cree, Inc C450TR5270-S20000_16 Datasheet HTML 2Page - Cree, Inc C450TR5270-S20000_16 Datasheet HTML 3Page - Cree, Inc C450TR5270-S20000_16 Datasheet HTML 4Page - Cree, Inc C450TR5270-S20000_16 Datasheet HTML 5Page - Cree, Inc C450TR5270-S20000_16 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR5270 are trademarks of Cree, Inc.
6
CPR3ET Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Radiation Pattern
ThisisarepresentativeradiationpatternfortheTR5270(175-µm)LEDproduct.Actualpatternswillvaryslightlyfor
eachchip.
ThisisarepresentativeradiationpatternfortheTR5270(250-µm)LEDproduct.Actualpatternswillvaryslightlyfor
eachchip.
Copyright © 2010, Cree, Inc. (Confidential)
pg. 1
Far Fields – TR430


Similar Part No. - C450TR5270-S20000_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR5270-S20000 CREE-C450TR5270-S20000 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
logo
Marktech Corporate
C450TR5270-S20000 MARKTECH-C450TR5270-S20000 Datasheet
672Kb / 6P
   TR5270 LEDs
More results

Similar Description - C450TR5270-S20000_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C450TR5050-S18000 CREE-C450TR5050-S18000_16 Datasheet
550Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 120 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
   Low forward voltage - 3.2 Vf typical at 50 mA
C450TR3547M-S7600 CREE-C450TR3547M-S7600 Datasheet
289Kb / 5P
   Low Forward Voltage - 3.2 Vf Typical at 50 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com