Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC932-230-FL-HAB108-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC932-230-FL-HAB108-DC
Description  DC to DC power supply supports 10~30V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC932-230-FL-HAB108-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC932-230-FL-HAB108-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC932-230-FL-HAB108-DC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
416
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
7
Ordering Information
PCIe Version
IPC932-230-FL-HAB100-DC
(PN: E26G932107)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCIe slots and DC-in ATX
150W P/S
IPC932-230-FL-HAB100-AC
(PN: E26G932106)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCIe slots , DC-in ATX
150W P/S, AC-DC 150W power adaptor and US power
cord
IPC932-230-FL-HAB110-DC
(PN: E26G932116)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCIe slots and DC-in ATX
150W P/S
IPC932-230-FL-HAB110-AC
(PN: E26G932115)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCIe slots and DC-in ATX
150W P/S
PCI Version
IPC932-230-FL-HAB108-DC
(PN: E26G932114)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCI slots and DC-in ATX
150W P/S
IPC932-230-FL-HAB108-AC
(PN: E26G932113)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCI slots and DC-in ATX
150W P/S
PCI+PCIe Version
IPC932-230-FL-HAB103-DC
(PN: E26G932103)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCI & PCIe slots and DC-
in ATX 150W P/S
IPC932-230-FL-HAB103-AC
(PN: E26G932102)
2-slot fanless embedded system with 4th generation
Intel® Core™ i7/i5/i3 processor PCI & PCIe slots, DC-in
ATX 150W P/S, AC-DC150W power adaptor and US power
cord
*Specifications and certifications are based on options and may vary.
Optional Items
DDR3 SO-DIMM: 2 GB, 4 GB, 8 GB
CFast™: 2 GB, 4 GB, 8 GB
2.5” SATA HDD: 320 GB, 500 GB
IPC932-230-FL Fan module kit (E26G932104)
Y-Cable for CRT and DVI 150 mm (594826A0010E)
6P PS/2 KB+Mouse cable (59381560000E)
Packing List
IPC932-230-FL Series Unit x 1
19V 150W Adapter (for AC Version)
Driver CD
Quick Manual
Wall Mount Bracket x 2
Screw pack x 1
Foot pad x 4
CPU Thermal Pad x 1
HDD Bracket x 2
HDD Mylar x 2
Terminal block x 1 (for DC version)
Remote power switch cable x 1
Power Protection
AC Version
OVP (over voltage protection)
OTP (over temperature protection)
OPP (over power protection)
SCP (over circuit protection)
DC Version
OVP (over voltage protection)
SCP (short circuit protection)
OCP (over current protection)
Front & Rear Metal Panel I/O Layout
1. Audio(MIC-in/Line-out)
2. Digital I/O
3. PS/2 keyboard/mouse
4. USB 2.0 x 4
5. Ethernet x 2
6. DVI-I
7. USB 3.0 x 2
8. Power connector (Din-Jack or Phoenix plug)
9. LED for Power and HDD
10. RS-232/422/485 (COM 1/2)
11. RS-232 (COM 3/4)
12. Remote power switch
13. ATX/AT Mode switch
14. ATX Power switch
1
10
5
6
8
9
11
12
13
14
2
3
4
7
Dimensions


Similar Part No. - IPC932-230-FL-HAB108-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC932-230-FL-ECM AXIOMTEK-IPC932-230-FL-ECM Datasheet
1Mb / 2P
   Support IntervalZero Windows real-time extension RTX2012
IPC932-230-FL-ECM-AC AXIOMTEK-IPC932-230-FL-ECM-AC Datasheet
1Mb / 2P
   Support IntervalZero Windows real-time extension RTX2012
IPC932-230-FL-ECM-DC AXIOMTEK-IPC932-230-FL-ECM-DC Datasheet
1Mb / 2P
   Support IntervalZero Windows real-time extension RTX2012
IPC932-230-FL-ECM AXIOMTEK-IPC932-230-FL-ECM_17 Datasheet
509Kb / 2P
   2-slot Fanless EtherCAT Master Controller with 4th Gen Intel Core i7/i5/i3 Celeron
More results

Similar Description - IPC932-230-FL-HAB108-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC924-212-FL AXIOMTEK-IPC924-212-FL_15 Datasheet
520Kb / 2P
   DC to DC power supply supports 10~30V
IPC934-230-FL AXIOMTEK-IPC934-230-FL_16 Datasheet
507Kb / 2P
   DC to DC power supply supports 10~30V
IPC914-213-FL AXIOMTEK-IPC914-213-FL_16 Datasheet
456Kb / 2P
   DC to DC power supply supports 10~30V
IPC912-213-FL AXIOMTEK-IPC912-213-FL_16 Datasheet
484Kb / 2P
   DC to DC power supply supports 10V ~ 30V
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Skyworks Solutions Inc.
SKY77916 SKYWORKS-SKY77916_21 Datasheet
91Kb / 2P
   Supports APT, buck DC-DC supply
SKY77912 SKYWORKS-SKY77912_21 Datasheet
90Kb / 2P
   Supports APT, buck DC-DC supply
logo
BOSER Technology Co., L...
ZKS-400WX-A BOSER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports ATX2.03
ZKS-250WX BOSER-ZKS-250WX Datasheet
60Kb / 1P
   250W AC-DC ATX Power Supply supports ATX2.03
ZKS-300WX-A BOSER-ZKS-300WX-A Datasheet
65Kb / 1P
   300W AC-DC ATX Power Supply supports ATX2.03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com