Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC932-230-FL-HAB110-AC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IPC932-230-FL-HAB110-AC
Description  DC to DC power supply supports 10~30V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC932-230-FL-HAB110-AC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IPC932-230-FL-HAB110-AC Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC932-230-FL-HAB110-AC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
415
* All specifications and photos are subject to change without notice.
Features
IPC932-230-FL
2-slot Fanless Barebone System with
4th Generation Intel® Core™ i7/i5/i3 &
Celeron® processor (up to 3.3 GHz) ,
Intel® Q87 Chipset, PCIe and PCI Slots
4th generation Intel® Core™ i7/i5/i3 & Celeron®
processor, up to 45W (Codename Haswell/Haswell Refresh)
Intel® Q87 chipset
Supports two expansion slots
DC to DC power supply supports 10~30V
Compact & front I/O design
Rugged, up to -10°C ~ +50°C fanless operation with W.T. SSD
or W.T. CFast™
Supports Intel® AMT 9.0
Supports two 2.5” SATA HDD
Supports SATA 6Gbs with RAID 0,1
Specifications
Standard Color
Sliver
Construction
Aluminum extrusion heavy-duty cold-rolled steel, IP30
System Board
SHB230DGGA
Processor
System
CPU Level
4th generation Intel® Core™ i7/i5/i3 & Celeron®
processor up to 45W (Codename Haswell/Haswell
Refresh)
Max. Speed
3.3GHz
Front Side Bus N/A
Chipset
Intel® Q87
System Memory
2 x 204-pin DDR3-1333/1600 SO-DIMM, max. up to 16 GB
I/O Interface (Front)
ATX power on/off switch
1 x 2-pin connector output for remote on/off switch
2 x USB 3.0
4 x USB 2.0
2 x RS-232 (COM 3/4)
2 x RS-232/422/485 (COM 1/2)
2 x 10/100/1000Mbps Ethernet
1 x DVI-I
1 x DIO (Female DB9 Connector) (4 IN and 4 OUT)
1 x PS/2 keyboard/mouse
1 x Audio (MIC-in/Line-out)
1 x AT/ATX Mode switch
Expansion Interface
HAB100: 1 PCIe x1 & 1 PCIe x4
HAB103: 1 PCIe x4 & 1 PCI
HAB108: 2 PCI
HAB110: 1 PCIe x4 & 1 PCIe x16
Storage
2 x 2.5” SATA HDD, 1 x CFast™ socket
System Indicators
1 x power on/off , 1 x HDD
Power Supply
DC ATX 150W:
Input : 10~30VDC
Output: +5V@11A, +3.3V@5A, +12V@9A, -12V@-150mA,
5Vsb@2A
AC-DC power adapter:
Input: 90~264VAC
Output: 19V@7.89A
Operation Temperature
-10°C ~ +50°C (+14°F ~ +122°F) with W.T. HDD or W.T.
SSD or W.T. CFast™
Storage Temperature
-20°C ~ +80°C (-4°F ~ +176°F)
Humidity
10% ~ 90%, non-condensing
Dimensions
159.9 mm (6.36") (W) x 251.8 mm (10.02") (D) x 185 mm (7.2") (H)
Weight (net/gross)
6.2 kg (13.67 lb)/7.2 kg (15.87 lb)
Certification
CE compliance
**The maximum power rating for expansion slots at 50°C can not be exceeded the
following values: The maximum loading of +3.3V /1A and +5V/5A and +12V /3A <60W
Rear view
Rich I/O
Optional fan module helps heat dissipation
generated by PCI/PCIe cards
Size: 80 mm (W) x 80 mm (H) x 25 mm (D)
Rich I/O
Phoenix plug for DC version
Din-jack for AC version
Supports 2 x SATA HDD, Easy-to-install
CFastTM
DDR3
DDR3
DDR3
Fanless
IP30


Similar Part No. - IPC932-230-FL-HAB110-AC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC932-230-FL-ECM AXIOMTEK-IPC932-230-FL-ECM Datasheet
1Mb / 2P
   Support IntervalZero Windows real-time extension RTX2012
IPC932-230-FL-ECM-AC AXIOMTEK-IPC932-230-FL-ECM-AC Datasheet
1Mb / 2P
   Support IntervalZero Windows real-time extension RTX2012
IPC932-230-FL-ECM-DC AXIOMTEK-IPC932-230-FL-ECM-DC Datasheet
1Mb / 2P
   Support IntervalZero Windows real-time extension RTX2012
IPC932-230-FL-ECM AXIOMTEK-IPC932-230-FL-ECM_17 Datasheet
509Kb / 2P
   2-slot Fanless EtherCAT Master Controller with 4th Gen Intel Core i7/i5/i3 Celeron
More results

Similar Description - IPC932-230-FL-HAB110-AC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC924-212-FL AXIOMTEK-IPC924-212-FL_15 Datasheet
520Kb / 2P
   DC to DC power supply supports 10~30V
IPC934-230-FL AXIOMTEK-IPC934-230-FL_16 Datasheet
507Kb / 2P
   DC to DC power supply supports 10~30V
IPC914-213-FL AXIOMTEK-IPC914-213-FL_16 Datasheet
456Kb / 2P
   DC to DC power supply supports 10~30V
IPC912-213-FL AXIOMTEK-IPC912-213-FL_16 Datasheet
484Kb / 2P
   DC to DC power supply supports 10V ~ 30V
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Skyworks Solutions Inc.
SKY77916 SKYWORKS-SKY77916_21 Datasheet
91Kb / 2P
   Supports APT, buck DC-DC supply
SKY77912 SKYWORKS-SKY77912_21 Datasheet
90Kb / 2P
   Supports APT, buck DC-DC supply
logo
BOSER Technology Co., L...
ZKS-400WX-A BOSER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports ATX2.03
ZKS-250WX BOSER-ZKS-250WX Datasheet
60Kb / 1P
   250W AC-DC ATX Power Supply supports ATX2.03
ZKS-300WX-A BOSER-ZKS-300WX-A Datasheet
65Kb / 1P
   300W AC-DC ATX Power Supply supports ATX2.03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com