Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH27030S-TR Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH27030S-TR
Description  30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH27030S-TR Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH27030S-TR Datasheet HTML 6Page - Cree, Inc CGH27030S-TR Datasheet HTML 7Page - Cree, Inc CGH27030S-TR Datasheet HTML 8Page - Cree, Inc CGH27030S-TR Datasheet HTML 9Page - Cree, Inc CGH27030S-TR Datasheet HTML 10Page - Cree, Inc CGH27030S-TR Datasheet HTML 11Page - Cree, Inc CGH27030S-TR Datasheet HTML 12Page - Cree, Inc CGH27030S-TR Datasheet HTML 13Page - Cree, Inc CGH27030S-TR Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
CGH27030S Rev 2.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2013-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Source and Load Impedances for Application Circuit CGH27030S-AMP2
Frequency (MHz)
Z Source
Z Load
2300
1.7 - j0.5
7.7 + j7.7
2500
2.2 - j0.2
8.0 + j6.8
2700
1.5 - j0.1
6.6 + j6.3
Note1: V
DD = 28 V, IDQ = 0.20 A in the DFN package.
Note2: Impedances are extracted from the CGH27030S-AMP2 application
circuit and are not source and load pull data derived from the transistor.
CGH27030S-AMP2 Application Circuit Bill of Materials
Designator
Description
Qty
R1, R2
RES, 22.6, OHM, +/-1%, 1/16W, 0603
2
C1
CAP, 3.3 pF, ±0.1 pF, 0603, ATC
1
C2
CAP, 0.9 pF, ±0.1 pF, 0603, ATC
1
C3
CAP, 1.2 pF, ±0.1 pF, 0603, ATC
1
C4
CAP, 1.5 pF, ±0.1 pF, 0603, ATC
1
C5, C9
CAP, 8.2 pF, ±0.25 pF, 0603, ATC
2
C6, C10
CAP, 470 pF, 5%, 100 V, 0603, X
2
C7, C11
CAP, 33000 pF, 0805, 100 V, X7R
2
C12
CAP, 1.0 UF, 100 V, 10%, X7R, 1210
1
C8
CAP, 10 UF 16 V TANTALUM
1
C14
CAP, 27 pF, ±5%, 0603, ATC
1
C13
CAP, 33 UF, 20%, G CASE
1
J1, J2
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE,
BLUNT POST
1
Q1
CGH27030S, QFN
2
D
Z Source
Z Load
G
S


Similar Part No. - CGH27030S-TR

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
More results

Similar Description - CGH27030S-TR

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
logo
WOLFSPEED, INC.
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
   30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
   30 W, 6.0 GHz, GaN HEMT Die
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
Cree, Inc
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com