Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH27030F Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH27030F
Description  30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH27030F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH27030F_15 Datasheet HTML 4Page - Cree, Inc CGH27030F_15 Datasheet HTML 5Page - Cree, Inc CGH27030F_15 Datasheet HTML 6Page - Cree, Inc CGH27030F_15 Datasheet HTML 7Page - Cree, Inc CGH27030F_15 Datasheet HTML 8Page - Cree, Inc CGH27030F_15 Datasheet HTML 9Page - Cree, Inc CGH27030F_15 Datasheet HTML 10Page - Cree, Inc CGH27030F_15 Datasheet HTML 11Page - Cree, Inc CGH27030F_15 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
CGH27030F Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Dimensions CGH27030F (Package Type — 440166)
Product Dimensions CGH27030P (Package Type — 440196)


Similar Part No. - CGH27030F_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030F-AMP CREE-CGH27030F-AMP Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27030F-TB CREE-CGH27030F-TB Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
More results

Similar Description - CGH27030F_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27015 CREE-CGH27015 Datasheet
1Mb / 12P
   15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
logo
WOLFSPEED, INC.
CGH27030 WOLFSPEED-CGH27030 Datasheet
2Mb / 12P
   30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20
logo
Cree, Inc
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
   60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
   15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
CGH27060F WOLFSPEED-CGH27060F Datasheet
4Mb / 12P
   60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11
logo
Cree, Inc
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com