Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH25120F-TB Datasheet(PDF) 3 Page - Cree, Inc

Part # CGH25120F-TB
Description  120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH25120F-TB Datasheet(HTML) 3 Page - Cree, Inc

  CGH25120F-TB Datasheet HTML 1Page - Cree, Inc CGH25120F-TB Datasheet HTML 2Page - Cree, Inc CGH25120F-TB Datasheet HTML 3Page - Cree, Inc CGH25120F-TB Datasheet HTML 4Page - Cree, Inc CGH25120F-TB Datasheet HTML 5Page - Cree, Inc CGH25120F-TB Datasheet HTML 6Page - Cree, Inc CGH25120F-TB Datasheet HTML 7Page - Cree, Inc CGH25120F-TB Datasheet HTML 8Page - Cree, Inc CGH25120F-TB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CGH25120F Rev 3.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2009-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Gain and Input Return Loss vs Frequency of CGH25120F in Broadband Amplifier Circuit
V
DD = 28 V, IDQ = 0.5 A
Typical Mobile WiMAX Digital Pre-Distortion (DPD) Performance
WiMAX Characteristics with and without DPD Correction
ACLR and Drain Efficiency vs Output Power
measured in CGH25120F-AMP Amplifier Circuit.
V
DS = 28 V, IDS = 0.5 A, Frequency = 2.5 GHz
-10
-5
0
12
15
18
Sparameters of CGH25120F
-30
-25
-20
-15
0
3
6
9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency (GHz)
Gain
Return Loss
30
35
40
45
50
-40
-35
-30
-25
-20
CGH25120F WiMAX Transfer with and without DPD correction
Vds = 28V, Ids = 500 mA, Frequency = 2.5 GHz
UnCorrected -ACLR
UnCorrected +ACLR
Corrected -ACLR
Corrected +ACLR
UnCorrected Eff
Corrected Eff
0
5
10
15
20
25
-70
-65
-60
-55
-50
-45
15
20
25
30
35
40
45
Output Power (dBm)


Similar Part No. - CGH25120F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
More results

Similar Description - CGH25120F-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
logo
Cree, Inc
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
logo
Cree, Inc
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com