Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527XT290-S0100-A Datasheet(PDF) 3 Page - Cree, Inc

Part # C527XT290-S0100-A
Description  Low Forward Voltage - 3.2 Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527XT290-S0100-A Datasheet(HTML) 3 Page - Cree, Inc

  C527XT290-S0100-A Datasheet HTML 1Page - Cree, Inc C527XT290-S0100-A Datasheet HTML 2Page - Cree, Inc C527XT290-S0100-A Datasheet HTML 3Page - Cree, Inc C527XT290-S0100-A Datasheet HTML 4Page - Cree, Inc C527XT290-S0100-A Datasheet HTML 5Page - Cree, Inc C527XT290-S0100-A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks
of Cree, Inc.
3
CPR3BV Rev. H
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Standard Bins for CxxxXT290-Sxx00-A
LEDchipsaresortedtotheradiantfluxanddominantwavelengthbinsshown.Asorteddiesheetcontainsdiefromonly
onebin.Sorteddiekit(CxxxXT290-Sxx00-A)ordersmaybefilledwithanyorallbins(CxxxXT290-01xx-A)containedin
thekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=20mA.
XT-24
C460XT290-S2400-A
C460XT290-0117-A
C460XT290-0118-A
C460XT290-0119-A
C460XT290-0120-A
455nm
457.5nm
460nm
462.5nm
465nm
24.0mW
Dominant Wavelength
XT-21
C460XT290-S2100-A
C460XT290-0117-A
C460XT290-0118-A
C460XT290-0119-A
C460XT290-0120-A
C460XT290-0113-A
C460XT290-0114-A
C460XT290-0115-A
C460XT290-0116-A
455nm
457.5nm
460nm
462.5nm
465nm
24.0mW
21.0mW
Dominant Wavelength
XT-18
C460XT290-S1800-A
C460XT290-0117-A
C460XT290-0118-A
C460XT290-0119-A
C460XT290-0120-A
C460XT290-0113-A
C460XT290-0114-A
C460XT290-0115-A
C460XT290-0116-A
C460XT290-0109-A
C460XT290-0110-A
C460XT290-0111-A
C460XT290-0112-A
455nm
457.5nm
460nm
462.5nm
465nm
24.0mW
21.0mW
18.0mW
Dominant Wavelength
XT-16
C460XT290-S1600-A
C460XT290-0117-A
C460XT290-0118-A
C460XT290-0119-A
C460XT290-0120-A
C460XT290-0113-A
C460XT290-0114-A
C460XT290-0115-A
C460XT290-0116-A
C460XT290-0109-A
C460XT290-0110-A
C460XT290-0111-A
C460XT290-0112-A
C460XT290-0105-A
C460XT290-0106-A
C460XT290-0107-A
C460XT290-0108-A
455nm
457.5nm
460nm
462.5nm
465nm
24.0mW
21.0mW
18.0mW
16.0mW
Dominant Wavelength


Similar Part No. - C527XT290-S0100-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
256Kb / 6P
   XThin짰 LEDs
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
258Kb / 6P
   XThin짰 LEDs
More results

Similar Description - C527XT290-S0100-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
   Low forward voltage - 3.2 Vf typical at 50 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR3547M-S7600 CREE-C450TR3547M-S7600 Datasheet
289Kb / 5P
   Low Forward Voltage - 3.2 Vf Typical at 50 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
   Low Forward Voltage 3.3V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com