Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAS300M17BM2 Datasheet(PDF) 8 Page - Cree, Inc

Part # CAS300M17BM2
Description  Half-Bridge Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CAS300M17BM2 Datasheet(HTML) 8 Page - Cree, Inc

  CAS300M17BM2 Datasheet HTML 1Page - Cree, Inc CAS300M17BM2 Datasheet HTML 2Page - Cree, Inc CAS300M17BM2 Datasheet HTML 3Page - Cree, Inc CAS300M17BM2 Datasheet HTML 4Page - Cree, Inc CAS300M17BM2 Datasheet HTML 5Page - Cree, Inc CAS300M17BM2 Datasheet HTML 6Page - Cree, Inc CAS300M17BM2 Datasheet HTML 7Page - Cree, Inc CAS300M17BM2 Datasheet HTML 8Page - Cree, Inc CAS300M17BM2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAS300M17BM2,Rev. -
Schematic
Package Dimensions (mm)
CAS300M17BM2


Similar Part No. - CAS300M17BM2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
   1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
More results

Similar Description - CAS300M17BM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
CAS120M12BM2 CREE-CAS120M12BM2 Datasheet
1Mb / 9P
   Half-Bridge Module
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
   Half Bridge Module
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com