Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAS120M12BM2 Datasheet(PDF) 6 Page - Cree, Inc

Part # CAS120M12BM2
Description  Half-Bridge Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CAS120M12BM2 Datasheet(HTML) 6 Page - Cree, Inc

  CAS120M12BM2 Datasheet HTML 1Page - Cree, Inc CAS120M12BM2 Datasheet HTML 2Page - Cree, Inc CAS120M12BM2 Datasheet HTML 3Page - Cree, Inc CAS120M12BM2 Datasheet HTML 4Page - Cree, Inc CAS120M12BM2 Datasheet HTML 5Page - Cree, Inc CAS120M12BM2 Datasheet HTML 6Page - Cree, Inc CAS120M12BM2 Datasheet HTML 7Page - Cree, Inc CAS120M12BM2 Datasheet HTML 8Page - Cree, Inc CAS120M12BM2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
CAS120M12BM2,Rev. -
Typical Performance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
40
80
120
160
200
240
Drain to Source Current, IDS (A)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 600 V
RG(ext) = 2.5 Ω
VGS = -5/+20 V
L = 142 μH
Figure19.InductiveSwitchingEnergyvs.
DrainCurrentForV
DS=600V,RG=2.5Ω
Figure20.InductiveSwitchingEnergyvs.
DrainCurrentForV
DS=800V,RG=2.5Ω
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
35
40
45
External Gate Resistor RG(ext) (Ohms)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 600 V
IDS =120 A
VGS = -5/+20 V
L = 142 μH
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
40
80
120
160
200
240
Drain to Source Current, IDS (A)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 800 V
RG(ext) = 2.5 Ω
VGS = -5/+20 V
L = 142 μH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
Junction Temperature, TJ (°C)
EOff
EOn
ETotal
Conditions:
VDD = 600 V
RG(ext) = 2.5 Ω
IDS =120 A
VGS = -5/+20 V
L = 142 μH
Figure22.InductiveSwitchingEnergyvs.Temperature
Figure21.InductiveSwitchingEnergyvs.R
G(ext)
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
30
35
40
External Gate Resistor, RG(ext) (Ohms)
Conditions:
TJ = 25 °C
VDD = 600 V
IDS = 120 A
VGS = -5/+20 V
td (off)
td (on)
tf
tr
Figure23.Timingvs.R
G(ext)
Figure24.ResistiveSwitchingTimeDescription


Similar Part No. - CAS120M12BM2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
   1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
More results

Similar Description - CAS120M12BM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
   Half-Bridge Module
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
   Half Bridge Module
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com