Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMB204 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IMB204
Description  1 SATA-600 & 5 SATA-300
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IMB204 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IMB204_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
185
* All specifications and photos are subject to change without notice.
Features
IMB204
LGA1155 Socket Intel® Core™ i7/i5/i3 &
Celeron® ATX Industrial Motherboard with
Intel® B75, SATA3.0, Dual LANs, DVI-D/
VGA and LPT
LGA1155 socket 3rd Generation Intel® Core™ i7/i5/i3 &
Celeron® processor
4 DDR3-1333/1600 DIMM support up to 32 GB
Dual View display via DVI-D/VGA
PCIe Gen. 3 supported
1 SATA-600 & 5 SATA-300
12 USB 2.0 ports
TPM 1.0 header support
I/O
Ordering Information
Packing List
System
Standard
IMB204
LGA1155 socket Intel® Core™ i7/i5/i3 & Celeron® ATX
industrial motherboard with dual GbE LAN, DVI-D/VGA,
6 COM and LPT
Optional
59460642100E
COM Port Cable, 5 x 2P, P=2.54 mm, L=300 mm
593F2040300E
LPT Cable, w/ bracket, P=2.54 mm, L=300 mm
594F2112100E
COM Port DB9 to 5x2P, P=2.54 mm, L=300 mm w/BK
594F2112110E
COM Port x2 DB9 to 5x2P, P=2.54 mm, L=300 mm w/BK
Standard
User’s manual/utility CD cable, I/O bracket
Side view
CPU
LGA1155 socket Intel® Core™ i7/i5/i3 & Celeron®
processor
System Memory
4 x 240-pin DIMM support non-ECC DDR3-1333/1600 max.
up to 32 GB
Chipset
Intel® B75
BIOS
AMI
SSD
N/1
Watchdog Timer
255 levels
Expansion Interface
1 x PCIe x16 Gen. 3
1 x PCIe x4 Gen. 2
1 x PCIe x1 Gen. 2
4 x PCI
Battery
Lithium 3 V/ 220 mAH
Power Requirements
i5-2320 3.0GHz 2 GB x 4 DDR3-1333, +12V @ 7.06A, +5V @
10.21A, +5VSB @ 0.02A, +3.3V @ 1.25A
Size
305 x 244 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x PS/2 keyboard and mouse
5 x RS-232 (COM 2/3/4/5/6)
1 x RS-232/422/485 (COM 1)
1 x LPT
1 x TPM header
SATA
1 x SATA-600 & 5 x SATA-300
Hardware Monitoring
Detect CPU/system temperature, voltage and support Smart
fan control
Ethernet
1st port as 10/100/1000 Mbps supports Wake-on-LAN, PXE
Boot ROM, iAMT with Intel® 82574LM
2nd port as 10/100/1000 Mbps supports Wake-on-LAN, PXE
Boot ROM with Intel® 82579V
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC892
USB
12 x USB 2.0
TPM
Support TPM1.0 header
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels (4-IN & 4-OUT)
ATX PWR2
DDR3
PS/2 + USB 2.0 5/6
VGA + DVI-D
Ethernet 2 + USB 2.0 3/4
Ethernet 1 + USB 2.0 1/2
Audio
PCIe x16
PCIe x1
PCIe x4
PCI
LPT
TPM header
USB 2.0 7 - 12
COM 3 - 6 SATA 2.0 1 - 5
ATX PWR1
SATA 3.0
COM 1 + COM 2
Display
Chipset
Intel® HD 4000/2500 Graphics
Memory Size
Max. 1.7 GB
Display Interface
1 x VGA
1 x DVI-D
DualView
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini


Similar Part No. - IMB204_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB204 AXIOMTEK-IMB204_14 Datasheet
253Kb / 2P
   4 DDR3-1333/1600 DIMM support up to 32 GB
IMB204 AXIOMTEK-IMB204_17 Datasheet
272Kb / 1P
   ATX Industrial Motherboard with LGA1155 Socket Intel Core Processor
More results

Similar Description - IMB204_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO881 AXIOMTEK-MANO881_16 Datasheet
262Kb / 1P
   SATA-600, 2 SATA-300 supported
MANO873 AXIOMTEK-MANO873_16 Datasheet
326Kb / 1P
   SATA-600 and 2 SATA-300, support RAID 0/1/5/10
MANO872 AXIOMTEK-MANO872_16 Datasheet
269Kb / 1P
   2 SATA-600 and 2 SATA-300, support RAID 0/1/5/101
MANO871 AXIOMTEK-MANO871_16 Datasheet
301Kb / 1P
   2 SATA-600 and 2 SATA-300, support RAID 0/1/5/10
MANO120 AXIOMTEK-MANO120 Datasheet
271Kb / 1P
   SATA-600 supported
CEM100 AXIOMTEK-CEM100_16 Datasheet
253Kb / 1P
   4 SATA-600 with RAID 0, 1, 5, 10
MANO825 AXIOMTEK-MANO825 Datasheet
269Kb / 1P
   2 SATA-300 supported
IMB205 AXIOMTEK-IMB205_16 Datasheet
286Kb / 1P
   6 SATA-300 with RAID 0, 1, 5 and 10
MANO840 AXIOMTEK-MANO840 Datasheet
317Kb / 1P
   2 SATA-300 supported
IMB205 AXIOMTEK-IMB205 Datasheet
226Kb / 1P
   6 SATA-300 with RAID 0, 1, 5 and 10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com