Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66C44PEM5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SLE66C44PEM5
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C44PEM5 Datasheet(HTML) 8 Page - Infineon Technologies AG

  SLE66C44PEM5 Datasheet HTML 1Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 2Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 3Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 4Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 5Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 6Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 7Page - Infineon Technologies AG SLE66C44PEM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SLE 66C44PE
Preliminary - Short Product Information
8 / 8
02.04
Security features:
Since the very beginning, security is an integrated part of Infineons product development, as proved by various
certificates (ITSEC, CC, Proton, VISA, ZKA, Mondex). The so called “integral security concept” for the 66P series
ensures:
A secret storage of any confidential code, data and keys
Protection against side channel attacks such as: Simple Power Analysis (SPA) , Differential Power Analysis (DPA),
Protection against Differential Fault Analysis (DFA), Electromagnetic Emanation Attack (EMA) and other possible
HW or SW attacks
Peripherals: The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-CRC). To
minimize the overall power consumption, the chip card controller IC offers a sleep mode. The UART supports the half-
duplex transmission protocols T=0 and T=1 according to ISO/IEC 7816-3. All relevant transmission parameters can be
adjusted by software, as e.g. the clock division factor, direct/inverse convention and the number of stop bits. Additionally,
the I/O port can be driven by communication routines realized in software.
The HW-DES module supports symmetric crypto algorithms according to the Data Encryption Standard in the Electronic
Code Book Mode.
The random number generator (RNG) is able to supply the CPU with true random numbers on all conditions.
The advanced sensor concept includes various sensors for any kind of attack scenarios and even more important a “Life
Test ” for sensors.
As an important feature, the chip provides an on-chip security, which fulfills the strong security requirements of a
Common Criteria evaluation at an EAL5+ level.
In conclusion, the SLE 66C44PE fulfills all the requirements of today's chip card applications, and is especially designed
for SDA payment and loyalty applications (EMV migration).
The SLE66C44PE integrates enhanced performance and optimized power consumption on a minimized die size.


Similar Part No. - SLE66C44PEM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C40S INFINEON-SLE66C40S Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C40S-T85 INFINEON-SLE66C40S-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C40S-V5 INFINEON-SLE66C40S-V5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C40S-V5-F7 INFINEON-SLE66C40S-V5-F7 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C40S-V5-T85 INFINEON-SLE66C40S-V5-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
More results

Similar Description - SLE66C44PEM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com