Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR3547M-S7600 Datasheet(PDF) 1 Page - Cree, Inc

Part # C450TR3547M-S7600
Description  Low Forward Voltage - 3.2 Vf Typical at 50 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR3547M-S7600 Datasheet(HTML) 1 Page - Cree, Inc

  C450TR3547M-S7600 Datasheet HTML 1Page - Cree, Inc C450TR3547M-S7600 Datasheet HTML 2Page - Cree, Inc C450TR3547M-S7600 Datasheet HTML 3Page - Cree, Inc C450TR3547M-S7600 Datasheet HTML 4Page - Cree, Inc C450TR3547M-S7600 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• RectangularLEDRFPerformance
– 450&460nm-76mWmin
• HighReliability-Eutectic,SolderPasteorPreforms
Attach
• LowForwardVoltage-3.2VfTypicalat50mA
• MaximumDCForwardCurrent–150mA
• 1000-VESDThresholdRating
• InGaNJunctiononThermallyConductiveSiC
Substrate
APPLICATIONS
• LargeLCDBacklighting
– Television
• GeneralIllumination
• MediumLCDBacklighting
– PortablePCs
– Monitors
• LEDVideoDisplays
• WhiteLEDs
Cree® TR3547M™ LEDs
CxxxTR3547M-Sxx00
Data Sheet
Cree’sTR3547MLEDsarethenextgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietarydevicetechnologyandsilicon-carbidesubstratestodeliversuperiorvaluefortheTV-backlighting
andgeneral-illuminationmarkets.TheTR3547MLEDsareamongthebrightestinthetop-viewmarketwhiledelivering
alowforwardvoltage,resultinginaverybrightandhighlyefficientsolution.Themetalbacksideallowsforeutectic
dieattachandenablessuperiorperformancefromimprovedthermalmanagement.Thedesignisoptimallysuitedfor
industry-standardtop-viewpackages.
CxxxTR3547M-Sxx00 Chip Diagram
Top View
Bottom View
Die Cross Section
Anode(+)
90μmdiameter
TR3547MLED
350x470μm
MetalBackside
160x280μm
t=155μm
BottomSurface
200x320μm
Cathode(-)
98μm


Similar Part No. - C450TR3547M-S7600

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-0205 CREE-C450TR3547-0205 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Marktech Corporate
C450TR3547-0205 MARKTECH-C450TR3547-0205 Datasheet
449Kb / 5P
   TR3547 LEDs
logo
Cree, Inc
C450TR3547-0206 CREE-C450TR3547-0206 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Marktech Corporate
C450TR3547-0206 MARKTECH-C450TR3547-0206 Datasheet
449Kb / 5P
   TR3547 LEDs
logo
Cree, Inc
C450TR3547-0207 CREE-C450TR3547-0207 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
More results

Similar Description - C450TR3547M-S7600

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
   Low forward voltage - 3.2 Vf typical at 50 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
   Low Forward Voltage 3.3V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com