Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR3AS-12B-T13 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # BCR3AS-12B-T13
Description  Planar Passivation Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BCR3AS-12B-T13 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  BCR3AS-12B-T13 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BCR3AS-12B-T13 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BCR3AS-12
Features
• I
T(RMS) : 3 A
• V
DRM : 600 V
• I
FGT I, IRGT I, IRGT III : 15 mA
• Non-Insulated Type
• Planar Passivation Type
Outline
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
MP-3A
1
3
2
4
Applications
Hybrid IC, solid state relay, switching mode power supply, light dimmer, electric fan, electric blanket, control of
household equipment such as washing machine, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V
www.kersemi.com


Similar Part No. - BCR3AS-12B-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12B-T13 RENESAS-BCR3AS-12B-T13 Datasheet
124Kb / 8P
   Triac Low Power Use
More results

Similar Description - BCR3AS-12B-T13

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
   Planar Passivation Type
BCR3KM-14L KERSEMI-BCR3KM-14L Datasheet
665Kb / 7P
   Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
   Planar Passivation Type
CR6KM-12A KERSEMI-CR6KM-12A Datasheet
607Kb / 6P
   Planar Passivation Type
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com