Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACST4-7SB-TR Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # ACST4-7SB-TR
Description  AC POWER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACST4-7SB-TR Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  ACST4-7SB-TR Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACST4-7SB-TR Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACST4 Series
7/9
0
5
10
15
20
25
30
35
1
10
100
1000
Number of cycles
Non repetitive
T
j initial=25°C
Repetitive
T
C=100°C
t=20ms
I
(A)
TSM
Fig. 8: Surge peak on-state current versus number
of cycles.
1
10
100
1000
0.01
0.10
1.00
10.00
tp(ms)
T
j initial=25°C
dI/dt limitation:
50A/µs
I
TSM
I²t
I
(A), I²t (A²s)
TSM
Fig. 9: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms, and
corresponding value of I²t.
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
TM
Tj max. :
V
to= 0.90 V
R
d= 100 mΩ
T
j=25°C
T
j=125°C
I
(A)
TM
Fig.
10:
On-state
characteristics
(maximum
values).
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
S(cm²)
DPAK
Rth(j-a)(°C/W)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (printed circuit
board FR4, copper thickness: 35µm)
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
V
out=300V
(dI/dt)c [Tj] / (dI/dt)c [Tj = 125°C]
Fig. 7: Relative variation of critical rate of decrease
of main current versus junction temperature.
www.kersemi.com
Information offers:http://www.kkg.com.cn


Similar Part No. - ACST4-7SB-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST4-7SB-TR STMICROELECTRONICS-ACST4-7SB-TR Datasheet
91Kb / 9P
   AC POWER SWITCH
ACST4-7SB-TR STMICROELECTRONICS-ACST4-7SB-TR Datasheet
150Kb / 13P
   AC power switch
More results

Similar Description - ACST4-7SB-TR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
   AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
   AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
   AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
   AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
   AC Power Switch
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com