Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACST4-7SB Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # ACST4-7SB
Description  AC POWER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACST4-7SB Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  ACST4-7SB Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACST4-7SB Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ACST4 Series
AC POWER SWITCH
DPAK
ACST4-7SB/CB
s
Blocking voltage : VDRM /VRRM = +/-700V
s
Avalanche controlled : VCL typ = 1100 V
s
Nominal conducting current : IT(RMS) =4A
s
High surge current capability: 30A for 20ms full
wave
s
Gate triggering current : IGT < 10 mA or 25mA
s
Switch integrated driver
s
High noise immunity : static dV/dt >500V/µs
FEATURES
The ACST4 belongs to the AC power switch family
built around the ASD™ technology. This high per-
formance device is adapted to home appliances or
inductrial systems and drives loads up to 4 A.
The ACS™ switch embeds a Triac structure with a
high voltage clamping device to absorb the induc-
tive turn-off energy and withstand line transients
such as those described in the IEC61000-4-5 stan-
dards.
DESCRIPTION
OUT
COM
G
s
Enables equipment to meet IEC 61000-4-5
s
High off-state reliability with planar technology
s
No external overvoltage protection needed
s
Reduces the power component factor
s
Interfaces directly with the microcontroller
s
Direct interface with the microcontroller for the
ACST4-7S (IGT < 10mA)
BENEFITS
OUT
COM
G
FUNCTIONAL DIAGRAM
TO-220FPAB
ACST4-7SFP/CFP
OUT
COM
G
s
AC static switching in appliance control systems
s
Drive of low power high inductive or resistive
loads like
- spray pump in dishwashers
- fan in air-conditioners
MAIN APPLICATIONS
www.kersemi.com
Information offers:http://www.kkg.com.cn


Similar Part No. - ACST4-7SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
91Kb / 9P
   AC POWER SWITCH
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
150Kb / 13P
   AC power switch
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST4-7SB-TR STMICROELECTRONICS-ACST4-7SB-TR Datasheet
91Kb / 9P
   AC POWER SWITCH
ACST4-7SB-TR STMICROELECTRONICS-ACST4-7SB-TR Datasheet
150Kb / 13P
   AC power switch
More results

Similar Description - ACST4-7SB

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
   AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
   AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
   AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
   AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
   AC Power Switch
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com