Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450DA1000-S48500-2-G Datasheet(PDF) 3 Page - Cree, Inc

Part # C450DA1000-S48500-2-G
Description  Cree Direct Attach DA1000 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450DA1000-S48500-2-G Datasheet(HTML) 3 Page - Cree, Inc

  C450DA1000-S48500-2-G Datasheet HTML 1Page - Cree, Inc C450DA1000-S48500-2-G Datasheet HTML 2Page - Cree, Inc C450DA1000-S48500-2-G Datasheet HTML 3Page - Cree, Inc C450DA1000-S48500-2-G Datasheet HTML 4Page - Cree, Inc C450DA1000-S48500-2-G Datasheet HTML 5Page - Cree, Inc C450DA1000-S48500-2-G Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo
are registered trademarks, and Direct AttachTM, DATM and DA1000™ are trademarks of Cree, Inc.
3
CPR3ES Rev C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475
USA Tel: +1.919.313.5300
Fax: +1.919.313.5870
www.cree.com/chips
Standard Bins for CxxxDA1000-Sxxx00-2-G
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxDA1000-Sxxxxx-2-G)ordersmaybefilledwithanyorallbins(CxxxDA1000-xxxx-2-G)
containedinthekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=350mA.
Note:Theradiant-fluxvaluesabovearerepresentativeofthedieinaT-1¾encapsulated5-mmlamp.
Dominant Wavelength (nm)
C450DA1000-S48500-2-G
C450DA1000-0325-2-G
C450DA1000-0326-2-G
C450DA1000-0327-2-G
C450DA1000-0328-2-G
C450DA1000-0321-2-G
C450DA1000-0322-2-G
C450DA1000-0323-2-G
C450DA1000-0324-2-G
C450DA1000-0317-2-G
C450DA1000-0318-2-G
C450DA1000-0319-2-G
C450DA1000-0320-2-G
C450DA1000-0313-2-G
C450DA1000-0314-2-G
C450DA1000-0315-2-G
C450DA1000-0316-2-G
C450DA1000-0309-2-G
C450DA1000-0310-2-G
C450DA1000-0311-2-G
C450DA1000-0312-2-G
447.5
450
452.5
445
455
625
585
550
515
485
C460DA1000-S48500-2-G
C460DA1000-0325-2-G
C460DA1000-0326-2-G
C460DA1000-0327-2-G
C460DA1000-0328-2-G
C460DA1000-0321-2-G
C460DA1000-0322-2-G
C460DA1000-0323-2-G
C460DA1000-0324-2-G
C460DA1000-0317-2-G
C460DA1000-0318-2-G
C460DA1000-0319-2-G
C460DA1000-0320-2-G
C460DA1000-0313-2-G
C460DA1000-0314-2-G
C460DA1000-0315-2-G
C460DA1000-0316-2-G
C460DA1000-0309-2-G
C460DA1000-0310-2-G
C460DA1000-0311-2-G
C460DA1000-0312-2-G
Dominant Wavelength (nm)
457.5
460
462.5
455
465
625
585
550
515
485


Similar Part No. - C450DA1000-S48500-2-G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
logo
Marktech Corporate
C450DA1000-S48500 MARKTECH-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
More results

Similar Description - C450DA1000-S48500-2-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450DA1000-0325 MARKTECH-C450DA1000-0325 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
DA1000 MARKTECH-DA1000_15 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
logo
Cree, Inc
C450DA2432-S3300-2 CREE-C450DA2432-S3300-2 Datasheet
371Kb / 5P
   Cree Direct Attach DA2432 LEDs
logo
Marktech Corporate
DA700 MARKTECH-DA700_15 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
C450DA700-0217 MARKTECH-C450DA700-0217 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
C450DA3547-0313 MARKTECH-C450DA3547-0313 Datasheet
403Kb / 5P
   Direct Attach DA3547 LEDs
C450TR2227-0213 MARKTECH-C450TR2227-0213 Datasheet
389Kb / 5P
   Cree TR2227 LEDs
C450TR2432-0317 MARKTECH-C450TR2432-0317 Datasheet
350Kb / 6P
   Cree TR2432 LEDs
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
C450EZ1350-S56000-X CREE-C450EZ1350-S56000-X Datasheet
373Kb / 5P
   Cree EZ1350-p LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com