Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC03DSMA Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # AC03DSMA
Description  30 A surge current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC03DSMA Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  AC03DSMA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AC03DSMA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AC03DSMA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AC03DSMA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AC03DSMA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC03DSMA,AC03FSMA
Figure 7. iGT vs.
τ CHARACTERISTIC
Figure 8.
νGT vs. τ CHARACTERISTIC
1000
100
10
1
0.1
1
1000
100
10
Mode
I, III, IV
TA = 25˚C
5
4
3
2
1
0
1
1000
100
10
Mode
I, III, IV
TA = 25˚C
τ - Pulse Width -
µs
τ - Pulse Width -
µs
Figure 9. IH vs. TA CHARACTERISTIC
Figure 10. PT(AV) vs. IT(RMS) CHARACTERISTIC
100
10
1
0.1
−40
−20
100
80
60
40
20
0
6
5
4
3
2
1
0
06
5
4
3
2
1
TA - Ambient Temperature - °C
IT(RMS) - RMS On-state Current - A
Figure 11. TC vs. IT(RMS) RATING
Figure 12. TA vs. IT(RMS) RATING
140
120
100
80
60
40
20
0
06
5
4
3
2
1
140
120
100
80
60
40
20
0
0
2.0
1.0
IT(RMS) - RMS On-state Current - A
IT(RMS) - RMS On-state Current - A
www.kersemi.com


Similar Part No. - AC03DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSMA NEC-AC03DSMA Datasheet
876Kb / 6P
   3 A MOLD ISOLATED TRIAC
logo
Renesas Technology Corp
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
   3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results

Similar Description - AC03DSMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCP0030A ETC2-TCP0030A Datasheet
487Kb / 4P
   30 A AC/DC Current Probe
logo
Yea Shin Technology Co....
YSCKSD130DT4 YEASHIN-YSCKSD130DT4 Datasheet
812Kb / 3P
   HIGH CURRENT SURGE
logo
Fairchild Semiconductor
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
   Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
Rev. 1.5, 26-Oct-04
logo
SG Micro Corp
SGM6605 SGMICRO-SGM6605 Datasheet
1Mb / 15P
   Device Quiescent Current: 30關A (TYP)
SGM6603 SGMICRO-SGM6603 Datasheet
1Mb / 17P
   Device Quiescent Current: 30關A (TYP)
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com