Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91.PP.3A2.01000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 91.PP.3A2.01000
Description  Robust duplex housings protect fibers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91.PP.3A2.01000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  91.PP.3A2.01000 Datasheet HTML 1Page - Molex Electronics Ltd. 91.PP.3A2.01000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1m Order No. 2m Order No. 3m Order No. 5m Order No. 10m Order No. Description
91.PP.6A2.00100
91.PP.6A2.00200
91.PP.6A2.00300
91.PP.6A2.00500
91.PP.6A2.01000
MIIM OFPC LC-LC Dup MM OM1 3MM, LS0H
91.PP.5A2.00100
91.PP.5A2.00200
91.PP.5A2.00300
91.PP.5A2.00500
91.PP.5A2.01000
MIIM OFPC LC-LC Dup MM OM2 3MM, LS0H
91.PP.3A2.00100
91.PP.3A2.00200
91.PP.3A2.00300
91.PP.3A2.00500
91.PP.3A2.01000
MIIM OFPC LC-LC Dup MM OM3 3MM, LS0H
91.PP.4A2.00100
91.PP.4A2.00200
91.PP.4A2.00300
91.PP.4A2.00500
91.PP.4A2.01000
MIIM OFPC LC-LC Dup MM OM4 2MM, LS0H
91.PP.8A2.00100
91.PP.8A2.00200
91.PP.8A2.00300
91.PP.8A2.00500
91.PP.8A2.01000
MIIM OFPC LC-LC Dup SM OS1 3MM, LS0H
91.PP.2A2.00100
91.PP.2A2.00200
91.PP.2A2.00300
91.PP.2A2.00500
91.PP.2A2.01000
MIIM OFPC LC-LC Dup SM OS2 2MM, LS0H
Singlemode Fiber Specification
Fiber Type
ISO Class
Bandwidth
(OFL)
Maximum Attenuation
(dB/km) (1300nm / 1500 nm)
9 / 125μ
OS1
N/A
1.0 / 1.0
9 / 125μ
OS2
N/A
0.4 / 0.4
FEATURES AND SPECIFICATIONS
MIIM Fiber Optic
Patch Cords
ORDERING INFORMATION
MOLEX PREMISE NETWORKS
Americas
Tel: 630 969 4550
www.molexpn.com
EMEA
Tel: 44 (0)2392 205800
www.molexpn.co.uk
APAC
Tel: 61 3 9971 7111
www.molexpn.com.au
©2015, Molex Premise Networks
Printed in the UK
FForm#91.PP.XXX.XXXXX
Page 2 of 2
Issue 3
Please refer to our website at http://www.molexpn.com/About-Us/Our-Warranty.html for terms and conditions of any resulting warranty.
This information is correct at the time of publication, specifications are subject to change.


Similar Part No. - 91.PP.3A2.01000

ManufacturerPart #DatasheetDescription
logo
Altech corporation
91.202 ALTECH-91.202 Datasheet
221Kb / 4P
   KU4000 Enclosure Series
91.330 ALTECH-91.330 Datasheet
221Kb / 4P
   KU4000 Enclosure Series
More results

Similar Description - 91.PP.3A2.01000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2114T ETC1-2114T Datasheet
174Kb / 3P
   Crimp Housings
logo
SICK AG
BEF-SG-W16 SICK-BEF-SG-W16 Datasheet
367Kb / 4P
   Protective housings
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
   Universal electronics housings
2017-08-22
logo
List of Unclassifed Man...
OPI1270-018 ETC2-OPI1270-018 Datasheet
104Kb / 2P
   Opaque plastic housings
logo
Weidmuller
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
   Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
   Component Carriers and Housings
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
   Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
   Component Carriers and Housings
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
   Robust terminations
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com