Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KN368040P0M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46KN368040P0M
Description  Capacitor, film, 0.68 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN368040P0M Datasheet(HTML) 1 Page - Kemet Corporation

  R46KN368040P0M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/04/2015 - 706eb9e8-c37a-45a0-9360-4f60764ef796
KEMET Part Number: R46KN368040P0M
Capacitor, film, 0.68 uF, +/-20% Tol, -40/+110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
26.5
+0.3
H
16
+0.1
T
7
+0.2
S
22.5
+/-0.4
LL
30
+5/-0
F
0.8
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: Safety: X2
Style: Radial Box
Lead Form: Wire Leads
Approvals: ENEC,UL,cUL,CQC
RoHS: Yes
Specifications
Capacitance: 0.68 uF
Voltage: 560 VDC
Tolerance: +/-20%
Voltage AC: 275 VAC
Rated Temperature: 110C
Temperature Range: -40/+110C
Dissipation Factor @ 1 kHz: 0.1%
Insulation Resistance: 44.12 GOhm
Maximum dVdT: 200 v/us
Packaging Specifications
Package Kind: Bulk
Package Quantity: 500
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R46KN368040P0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN368040H1M KEMET-R46KN368040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results

Similar Description - R46KN368040P0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KI368040P1M KEMET-R46KI368040P1M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=15 mm
R46KI368040P0M KEMET-R46KI368040P0M Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=15 mm
R46KN368040H1M KEMET-R46KN368040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN415040P0M KEMET-R46KN415040P0M Datasheet
55Kb / 1P
   Capacitor, film, 1.5 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271MD6100MR30 KEMET-PME271MD6100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN410040P0M KEMET-R46KN410040P0M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN410040P1M KEMET-R46KN410040P1M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368000P0M KEMET-R46KN368000P0M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.68 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271MD6220KR30 KEMET-PME271MD6220KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271MD6330KR30 KEMET-PME271MD6330KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.33 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com