Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G14YZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G14YZPR
Description  Dual Schmitt-Trigger Inverter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G14YZPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G14YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G14YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN74LVC2G14
www.ti.com
SCES200O – APRIL 1999 – REVISED AUGUST 2015
6.4 Thermal Information
SN74LVC2G14
THERMAL METRIC(1)
DBV (SOT23)
DCK (SC70)
YZP (DSBGA)
UNIT
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
215
259
139
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
55
87
18
°C/W
RθJB
Junction-to-board thermal resistance
57
89
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V
0.7
1.4
0.7
1.4
2.3 V
1
1.7
1
1.7
VT+
Positive-going input
3 V
1.3
2.2
1.3
2.2
V
threshold voltage
4.5 V
1.9
3.1
1.9
3.1
5.5 V
2.2
3.7
2.2
3.7
1.65 V
0.3
0.7
0.3
0.7
2.3 V
0.4
1
0.4
1
VT–
Negative-going input
3 V
0.6
1.3
0.6
1.3
V
threshold voltage
4.5 V
1.1
2
1.1
2
5.5 V
1.4
2.5
1.4
2.5
1.65 V
0.3
0.8
0.3
0.8
2.3 V
0.4
0.9
0.4
0.9
ΔVT
Hysteresis
3 V
0.4
1.1
0.4
1.1
V
(VT+ – VT–)
4.5 V
0.6
1.3
0.6
1.3
5.5 V
0.7
1.4
0.7
1.4
IOH = –100 μA
1.65 V to 4.5 V
VCC – 0.1
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
IOL = 100 μA
1.65 V to 4.5 V
0.1
0.1
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
3 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
II
A input
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
10
μA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
500
μA
Other inputs at VCC or GND
CI
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC2G14


Similar Part No. - SN74LVC2G14YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14YZPR TI-SN74LVC2G14YZPR Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14YZPR TI-SN74LVC2G14YZPR Datasheet
432Kb / 14P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14YZPR TI-SN74LVC2G14YZPR Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14YZPR TI1-SN74LVC2G14YZPR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
More results

Similar Description - SN74LVC2G14YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com