Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G157DCUTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC2G157DCUTG4
Description  Single 2-Line to 1-Line Data Selector Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G157DCUTG4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC2G157DCUTG4 Datasheet HTML 1Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 2Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 3Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 4Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 5Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 6Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 7Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 8Page - Texas Instruments 74LVC2G157DCUTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
B
GND
VCC
Y
Y
2
5
3
4
8
6
1
7
A
A/B
G
3
2
4
5
1
A
VCC
G
B
GND
Y
A/B
Y
6
7
8
A/B
3
2
5
8
1
A
VCC
B
GND
Y
G
Y
4
6
7
SN74LVC2G157
www.ti.com
SCES207M – APRIL 1999 – REVISED JUNE 2015
5 Pin Configuration and Functions
DCT Package
DCU Package
8-Pin SSOP
8-Pin VSSOP
Top View
Top View
YZP Package
8-Pin DSBGA
Bottom View
See mechanical drawings for dimensions
Pin Functions
PIN
I/O
DESCRIPTION
SSOP,
NAME
DSBGA
VSSOP
A
1
1
I
Data Input
A/B
6
6
I
Input Selector
B
2
2
I
Data Input
G
7
7
I
Common Strobe Input
GND
4
4
Ground
VCC
8
8
Power
Y
5
5
O
Output
Y
3
3
O
Inverted Output
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC2G157


Similar Part No. - 74LVC2G157DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G157DCUTG4 TI-74LVC2G157DCUTG4 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74LVC2G157DCUTG4 TI1-74LVC2G157DCUTG4 Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
More results

Similar Description - 74LVC2G157DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
[Old version datasheet]   SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_18 Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
logo
Unisonic Technologies
U74LVC2G157 UTC-U74LVC2G157 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
U74LVC2G157 UTC-U74LVC2G157_15 Datasheet
171Kb / 5P
   SINGLE 2-LINE TO 1-LINE DATA SELECTOR OR MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com