Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCC3245ADWRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVCC3245ADWRE4
Description  Octal Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCC3245ADWRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVCC3245ADWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 9Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 10Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 11Page - Texas Instruments SN74LVCC3245ADWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Vcca(V)
VOHA
(min) V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2
2.25
2.5
2.75
3
VCCB@
3V
IOH
@8mA
IOH
@12mA
IOH
@0.1mA
SN74LVCC3245A
SCAS585P – NOVEMBER 1996 – REVISED DECEMBER 2015
www.ti.com
Switching Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2 through Figure 5)
FROM
TO
PARAMETER
VCCA, VCCB
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCCA = 2.5 V ± 0.2 V, VCCB = 3.3 V ±
1
6.9
0.3 V
VCCA = 2.7 V TO 3.6 V, VCCB = 5 V ±
tPHZ
OE
A
1
7.8
ns
0.5 V
VCCA = 2.7 V TO 3.6 V, VCCB = 3.3 V ±
1
6.9
0.3 V
VCCA = 2.5 V ± 0.2 V, VCCB = 3.3 V ±
1
8.8
0.3 V
VCCA = 2.7 V TO 3.6 V, VCCB = 5 V ±
tPLZ
OE
B
1
7.3
ns
0.5 V
VCCA = 2.7 V TO 3.6 V, VCCB = 3.3 V ±
1
7.5
0.3 V
VCCA = 2.5 V ± 0.2 V, VCCB = 3.3 V ±
1
8.9
0.3 V
VCCA = 2.7 V TO 3.6 V, VCCB = 5 V ±
tPHZ
OE
B
1
7
ns
0.5 V
VCCA = 2.7 V TO 3.6 V, VCCB = 3.3 V ±
1
7.9
0.3 V
6.7 Operating Characteristics
VCCA = 3.3 V, VCCB = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Outputs enabled
38
Cpd
Power dissipation capacitance per transceiver
CL = 50,
f = 10 MHz
pF
Outputs disabled
4.5
6.8 Typical Characteristics
Figure 1. VOHA(min) VS VCCA
8
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVCC3245A


Similar Part No. - SN74LVCC3245ADWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC3245ADWRE4 TI-SN74LVCC3245ADWRE4 Datasheet
377Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCC3245ADWRE4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com