Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0101DBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TXB0101DBVRG4
Description  1-Bit Bidirectional Level-Shifting and Voltage Translator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0101DBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXB0101DBVRG4 Datasheet HTML 2Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 3Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 4Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 5Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 6Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 7Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 8Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 9Page - Texas Instruments TXB0101DBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TXB0101
SCES639C – JANUARY 2007 – REVISED JUNE 2015
www.ti.com
6.6 Timing Requirements, VCCA = 1.2 V
TA = 25°C, VCCA = 1.2 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
UNIT
TYP
TYP
TYP
TYP
Data rate
20
20
20
20
Mbps
tw
Pulse duration
Data inputs
50
50
50
50
ns
6.7 Timing Requirements, VCCA = 1.5 V ± 0.1 V
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
40
40
40
40
Mbps
tw
Pulse duration
Data inputs
25
25
25
25
ns
6.8 Timing Requirements, VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
60
60
60
60
Mbps
tw
Pulse duration
Data inputs
17
17
17
17
ns
6.9 Timing Requirements, VCCA = 2.5 V ± 0.2 V
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
100
100
100
Mbps
tw
Pulse duration
Data inputs
10
10
10
ns
6.10 Timing Requirements, VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
Data rate
100
100
Mbps
tw
Pulse duration
Data inputs
10
10
ns
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXB0101


Similar Part No. - TXB0101DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101DBVRG4 TI-TXB0101DBVRG4 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101DBVRG4 TI-TXB0101DBVRG4 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results

Similar Description - TXB0101DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101_10 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com