Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0106RGYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0106RGYR
Description  6-Bit Bidirectional Level-Shifting and Voltage Translator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0106RGYR Datasheet(HTML) 4 Page - Texas Instruments

  TXB0106RGYR Datasheet HTML 1Page - Texas Instruments TXB0106RGYR Datasheet HTML 2Page - Texas Instruments TXB0106RGYR Datasheet HTML 3Page - Texas Instruments TXB0106RGYR Datasheet HTML 4Page - Texas Instruments TXB0106RGYR Datasheet HTML 5Page - Texas Instruments TXB0106RGYR Datasheet HTML 6Page - Texas Instruments TXB0106RGYR Datasheet HTML 7Page - Texas Instruments TXB0106RGYR Datasheet HTML 8Page - Texas Instruments TXB0106RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TXB0106
SCES709B – SEPTEMBER 2008 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCCA
Supply voltage
–0.5
4.6
V
VCCB
Supply voltage
–0.5
6.5
V
VI
Input voltage(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
A inputs
–0.5
VCCA + 0.5
VO
Voltage applied to any output in the high or low state(2) (3)
V
B inputs
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA, VCCB, or GND
±100
mA
TJ
Junction Temperature
-40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCCA and VCCB are provided in the recommended operating conditions table.
6.2 ESD Ratings
VALUE
UNIT
A Port
2500
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
001(1)
B Port
±15000
A Port
Electrostatic
Charged-device model (CDM), per JEDEC specification
V(ESD)
1500
V
discharge
JESD22-C101(2)
B Port
A Port
Machine model (A115-A)
150
B Port
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1) (2)
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.2
3.6
Supply voltage
V
VCCB
1.65
5.5
Data inputs
VCCI× 0.65
(3)
VCCI
VIH
High-level input voltage
1.2 V to 3.6 V
1.65 V to 5.5 V
V
OE
VCCA× 0.65
5.5
Data inputs
1.2 V to 5.5 V
0
VCCI× 0.35
(3)
VIL
Low-level input voltage
1.65 V to 5.5 V
V
OE
1.2 V to 3.6 V
0
VCCA× 0.35
A-port inputs
1.2 V to 3.6 V
1.65 V to 5.5 V
40
Input transition
Δt/Δv
1.65 V to 3.6 V
40
ns/V
rise or fall rate
B-port inputs
1.2 V to 3.6 V
4.5 V to 5.5 V
30
TA
Operating free-air temperature
–40
85
°C
(1)
The A and B sides of an unused data I/O pair must be held in the same state, i.e., both at VCCI or both at GND.
(2)
VCCA must be less than or equal to VCCB and must not exceed 3.6 V.
(3)
VCCI is the supply voltage associated with the input port.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TXB0106


Similar Part No. - TXB0106RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106RGYR TI-TXB0106RGYR Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106RGYR TI-TXB0106RGYR Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106RGYR TI-TXB0106RGYR Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106RGYRG4 TI-TXB0106RGYRG4 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106RGYRG4 TI-TXB0106RGYRG4 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results

Similar Description - TXB0106RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
TCA9406 TI-TCA9406 Datasheet
515Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL 1MHz, I2C BUS AND SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Texas Instruments
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com