Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXBN0304RUTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXBN0304RUTR
Description  4-Bit Bidirectional Level-Shifter/Voltage Translator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXBN0304RUTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXBN0304RUTR Datasheet HTML 5Page - Texas Instruments TXBN0304RUTR Datasheet HTML 6Page - Texas Instruments TXBN0304RUTR Datasheet HTML 7Page - Texas Instruments TXBN0304RUTR Datasheet HTML 8Page - Texas Instruments TXBN0304RUTR Datasheet HTML 9Page - Texas Instruments TXBN0304RUTR Datasheet HTML 10Page - Texas Instruments TXBN0304RUTR Datasheet HTML 11Page - Texas Instruments TXBN0304RUTR Datasheet HTML 12Page - Texas Instruments TXBN0304RUTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Output
Waveform 1
S1 at 2 × V
(see Note 3)
CCO
V
OH
V
OL
OE input
Output
Waveform 2
S1 at GND
(see Note 3)
t
PZL
t
PZH
t
PLZ
t
PHZ
V
/ 2
CCA
V
/ 2
CCA
0 V
VCCO × 0.2
V
/ 2
CCO
VCCO × 0.9
V
/ 2
CCO
0 V
V
CCA
V
OH
TXB0304
www.ti.com
SCES831E – SEPTEMBER 2011 – REVISED NOVEMEBER 2015
Parameter Measurement Information (continued)
(1)
tPLZ and tPHZ are the same as tdis.
(2)
tPZL and tPZH are the same as ten.
(3)
Waveform 1 is for an output with internal such that the output is high, except when OE is high. Waveform 2 is for an
output with conditions such that the output is low, except when OE is high.
Figure 3. Enable and Disable Times
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TXB0304


Similar Part No. - TXBN0304RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXBN0304RUTR TI1-TXBN0304RUTR Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
More results

Similar Description - TXBN0304RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
[Old version datasheet]   4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
[Old version datasheet]   Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXS0104E TI-TXS0104E Datasheet
729Kb / 21P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
   4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com