Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101DCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DCKR
Description   1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0101DCKR Datasheet(HTML) 2 Page - Texas Instruments

  TXS0101DCKR Datasheet HTML 1Page - Texas Instruments TXS0101DCKR Datasheet HTML 2Page - Texas Instruments TXS0101DCKR Datasheet HTML 3Page - Texas Instruments TXS0101DCKR Datasheet HTML 4Page - Texas Instruments TXS0101DCKR Datasheet HTML 5Page - Texas Instruments TXS0101DCKR Datasheet HTML 6Page - Texas Instruments TXS0101DCKR Datasheet HTML 7Page - Texas Instruments TXS0101DCKR Datasheet HTML 8Page - Texas Instruments TXS0101DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TXS0101
SCES638C – OCTOBER 2007 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.2
Voltage Waveforms................................................. 15
1
Features .................................................................. 1
8
Detailed Description ............................................ 16
2
Applications ........................................................... 1
8.1
Overview ................................................................. 16
3
Description ............................................................. 1
8.2
Functional Block Diagram ....................................... 16
4
Revision History..................................................... 2
8.3
Feature Description................................................. 17
5
Pin Configuration and Functions ......................... 3
8.4
Device Functional Modes........................................ 17
6
Specifications......................................................... 4
9
Application and Implementation ........................ 18
6.1
Absolute Maximum Ratings ..................................... 4
9.1
Application Information............................................ 18
6.2
ESD Ratings.............................................................. 4
9.2
Typical Application ................................................. 18
6.3
Recommended Operating Conditions ...................... 4
10
Power Supply Recommendations ..................... 20
6.4
Thermal Information ................................................. 5
11
Layout................................................................... 20
6.5
Electrical Characteristics .......................................... 6
11.1
Layout Guidelines ................................................. 20
6.6
Timing Requirements: V CCA = 1.8 V ± 0.15 V ........ 7
11.2
Layout Example .................................................... 20
6.7
Timing Requirements VCCA = 2.5 V ± 0.2 V ............ 7
12
Device and Documentation Support ................. 21
6.8
Timing Requirements: 3.3 V ± 0.3 V ........................ 7
12.1
Device Support...................................................... 21
6.9
Switching Characteristics: VCCA = 1.8 V ± 0.15 V .... 8
12.2
Community Resources.......................................... 21
6.10
Switching Characteristics: VCCA = 2.5 V ± 0.2 V .... 9
12.3
Trademarks ........................................................... 21
6.11
Switching Characteristics: VCCA = 3.3 V ± 0.3 V .. 12
12.4
Electrostatic Discharge Caution ............................ 21
6.12
Typical Characteristics ......................................... 13
12.5
Glossary ................................................................ 21
7
Parameter Measurement Information ................ 14
13
Mechanical, Packaging, and Orderable
7.1
Load Circuits ........................................................... 14
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (January 2009) to Revision C
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TXS0101


Similar Part No. - TXS0101DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DCKR TI-TXS0101DCKR Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DCKR TI-TXS0101DCKR Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DCKR TI-TXS0101DCKR Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DCKRG4 TI-TXS0101DCKRG4 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DCKRG4 TI-TXS0101DCKRG4 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com