Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101DBVTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TXS0101DBVTG4
Description   1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0101DBVTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TXS0101DBVTG4 Datasheet HTML 1Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 2Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 3Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 4Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 5Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 6Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 7Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 8Page - Texas Instruments TXS0101DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.8V
System
Controller
TXS0101
3.3V
System
Data
A
B
Data
GND
GND
GND
VCCA
VCCB
OE
1.8V
3.3V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TXS0101
SCES638C – OCTOBER 2007 – REVISED DECEMBER 2015
TXS0101 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto-Direction-
Sensing for Open-Drain and Push-Pull Applications
1 Features
2 Applications
1
No Direction-Control Signal Needed
Handsets
Maximum Data Rates
Smartphones
Tablets
24 Mbps (Push Pull)
Desktop PCs
2 Mbps (Open Drain)
Available in the Texas Instruments NanoFree™
3 Description
Package
This
one-bit
non-inverting
translator
uses
two
1.65 V to 3.6 V on A port and 2.3 V to 5.5 V on B
separate configurable power-supply rails. The A port
port (VCCA ≤ VCCB)
is designed to track VCCA. VCCA accepts any supply
VCC Isolation Feature – If Either VCC Input Is at
voltage from 1.65 V to 3.6 V. The B port is designed
GND, Both Ports Are in the High-Impedance State
to track VCCB. VCCA must be less than or equal to
VCCB. VCCB accepts any supply voltage from 2.3 V to
No Power-Supply Sequencing Required – Either
5.5 V. This allows for low voltage bidirectional
VCCA or VCCB Can be Ramped First
translation between any of the 1.8 V, 2.5 V, 3.3 V,
Ioff Supports Partial-Power-Down Mode Operation
and 5 V voltage nodes.
Latch-Up Performance Exceeds 100 mA Per
When the output-enable (OE) input is low, all outputs
JESD 78, Class II
are placed in the high-impedance state.
ESD Protection Exceeds JESD 22
To ensure the high-impedance state during power up
A Port
or power down, OE should be tied to GND through a
2500 V Human-Body Model (A114-B)
pull-down resistor; the minimum value of the resistor
is determined by the current-sourcing capability of the
200 V Machine Model (A115-A)
driver.
1500 V Charged-Device Model (C101)
B Port
Device Information(1)
8 kV Human-Body Model (A114-B)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
200 V Machine Model (A115-A)
SOT-23 (6)
2.90 mm × 1.60 mm
1500 V Charged-Device Model (C101)
SC70 (6)
2.00 mm × 1.25 mm
TXS0101
SOT (6)
1.90 mm × 1.60 mm
DSBGA (6)
0.89 mm × 1.39 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Operating Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TXS0101DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DBVTG4 TI-TXS0101DBVTG4 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DBVTG4 TI-TXS0101DBVTG4 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVTG4 TI-TXS0101DBVTG4 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
TXS0108E TI1-TXS0108E_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXB0304 TI1-TXB0304_15 Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
737Kb / 16P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com