Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108EZXYR Datasheet(PDF) 1 Page - Texas Instruments

Part # TXS0108EZXYR
Description  8-Bit Bi-directional, Level-Shifting, Voltage Translator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0108EZXYR Datasheet(HTML) 1 Page - Texas Instruments

  TXS0108EZXYR Datasheet HTML 1Page - Texas Instruments TXS0108EZXYR Datasheet HTML 2Page - Texas Instruments TXS0108EZXYR Datasheet HTML 3Page - Texas Instruments TXS0108EZXYR Datasheet HTML 4Page - Texas Instruments TXS0108EZXYR Datasheet HTML 5Page - Texas Instruments TXS0108EZXYR Datasheet HTML 6Page - Texas Instruments TXS0108EZXYR Datasheet HTML 7Page - Texas Instruments TXS0108EZXYR Datasheet HTML 8Page - Texas Instruments TXS0108EZXYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
A1
A2
Data
A3
A4
A5
A6
A7
A8
GND
OE
VCCA
VCCB
1.8-V
System
Controller
B1
B2
B3
B4
B5
B6
B7
B8
TXS0108E
3.3-V
System
Controller
0.1 PF
3.3 V
0.1 PF
1.8 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TXS0108E
SCES642D – DECEMBER 2007 – REVISED FEBRUARY 2016
TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator
for Open-Drain and Push-Pull Applications
1
1 Features
1
No Direction-Control Signal Needed
Maximum Data Rates
110 Mbps (Push Pull)
1.2 Mbps (Open Drain)
1.2 V to 3.6 V on A Port and 1.65 V to 5.5 V on B
Port (VCCA ≤ VCCB)
No Power-Supply Sequencing Required – Either
VCCA or VCCB Can Be Ramped First
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22 (A Port)
2000 V Human Body Model (A114-B)
150 V Machine Model (A115-A)
1000 V Charged-Device Model (C101)
IEC 61000-4-2 ESD (B Port)
±8 kV Contact Discharge
±6 kV Air-Gap Discharge
2 Applications
Handsets
Smartphones
Tablets
Desktop PCs
3 Description
This 8-bit non-inverting translator uses two separate
configurable power-supply rails. The A port tracks the
VCCA pin supply voltage. The VCCA pin accepts any
supply voltage between 1.2 V and 3.6 V. The B port
tracks the VCCB pin supply voltage. The VCCB pin
accepts any supply voltage between 1.65 V and 5.5
V. Two input supply pins allows for low Voltage
bidirectional translation between any of the 1.2 V, 1.8
V, 2.5 V, 3.3 V, and 5 V voltage nodes.
When the output-enable (OE) input is low, all outputs
are placed in the high-impedance (Hi-Z) state.
To ensure the Hi-Z state during power-up or power-
down periods, tie OE to GND through a pull-down
resistor. The minimum value of the resistor is
determined by the current-sourcing capability of the
driver.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TXS0108E
TSSOP (20)
6.50 mm × 6.40 mm
VQFN (20)
4.50 mm × 3.50 mm
UFBGA (20)
3.00 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application


Similar Part No. - TXS0108EZXYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI1-TXS0108EZXYR Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108EZXYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
ON Semiconductor
FXWA9306 ONSEMI-FXWA9306 Datasheet
396Kb / 11P
   Dual Bi-Directional I2C-Bus and SMBus Voltage-Level Translator
September 2017 Rev. 2
logo
Fairchild Semiconductor
FXLH1T45 FAIRCHILD-FXLH1T45 Datasheet
338Kb / 11P
   Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
logo
Pericom Semiconductor C...
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com