Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SEMH2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. SEMH2
Description  NPN Silicon Digital Transistor Array Preliminary data
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 3 page
background image
SEMH2
Mar-01-2004
3
Collector-Emitter Saturation Voltage
VCEsat = f (IC), hFE = 20
0
0.2
0.4
0.6
V
1
VCEsat
0
10
1
10
2
10
mA
DC Current Gain
hFE = f (IC)
VCE = 5V (common emitter configuration)
10
-1
10
0
10
1
10
2
10
3
mA
IC
0
10
1
10
2
10
3
10
-
Input on Voltage
Vi(on) = f (IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-1
10
0
10
1
10
2
10
mA
Input off voltage
Vi(off) = f (IC)
VCE = 5V (common emitter configuration)
0
1
2
3
V
5
Vi(off)
-3
10
-2
10
-1
10
0
10
1
10
mA




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SEMD48NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 MoreInfineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH4NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH7NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH9NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH10NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH11NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH13NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMD2NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 Infineon Technologies AG
SEMD3NPN/PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 5 Infineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl