Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z20V Datasheet(PDF) 3 Page - YENYO TECHNOLOGY Co., Ltd

Part # MM3Z20V
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

MM3Z20V Datasheet(HTML) 3 Page - YENYO TECHNOLOGY Co., Ltd

  MM3Z20V Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd MM3Z20V Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd MM3Z20V Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd MM3Z20V Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
MM3Z2V4 THRU MM3Z75V
ZENER DIODES
YENYO
Revision 1.2


Similar Part No. - MM3Z20V

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM3Z20V WEITRON-MM3Z20V Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z20V SECOS-MM3Z20V Datasheet
198Kb / 3P
   Surface Mount Zener Diode
MM3Z20V SECOS-MM3Z20V Datasheet
220Kb / 3P
   Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
logo
Shanghai Leiditech Elec...
MM3Z20V LEIDITECH-MM3Z20V Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Fairchild Semiconductor
MM3Z20VB FAIRCHILD-MM3Z20VB Datasheet
490Kb / 6P
   Zener Diodes
More results

Similar Description - MM3Z20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com