Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z5V6 Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # MM3Z5V6
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

MM3Z5V6 Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  MM3Z5V6 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd MM3Z5V6 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd MM3Z5V6 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd MM3Z5V6 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REVERSE VOLTAGE:
2.4 TO 75 VOLTS
POWER DISSIPATION:
200 mWATTS
FEATURES
· Zener Voltage Range 2.4 to 75 Volts
SOD-323
· Clip Bonding Construction, Good Thermal Capability
· Suffix "H" indicates Halogen-free parts, ex. MM3Z2V4H
MECHANICAL DATA
Case : SOD-323
Mounting Position : Any
Maximum Ratings @ 25 °C Unless Otherwise Specified
Unit
mW
Unit
V
Forward Voltage at IF = 10mA
MM3Z2V4 THRU MM3Z75V
ZENER DIODES
Parameter
Power Dissipation
Junction Temperature
Storage Temperature Range
Tstg
Symbol
Parameter
VF
Value
200
150
-65 to +150
Value
1.0
Dimensions in inchs and (millimeters)
Symbol
Ptot
TJ
YENYO
Revision 1.2


Similar Part No. - MM3Z5V6

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z5V6 DIOTEC-MM3Z5V6 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z5V6 YFWDIODE-MM3Z5V6 Datasheet
507Kb / 3P
   Silicon Planar Zener Diodes
logo
Shanghai Leiditech Elec...
MM3Z5V6 LEIDITECH-MM3Z5V6 Datasheet
1Mb / 4P
   Dimensions SOD-323
logo
Weitron Technology
MM3Z5V6 WEITRON-MM3Z5V6 Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z5V6 SECOS-MM3Z5V6 Datasheet
220Kb / 3P
   Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
More results

Similar Description - MM3Z5V6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com